công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC702LP6CE bảng dữ liệu(PDF) 32 Page - Hittite Microwave Corporation

tên linh kiện HMC702LP6CE
Giải thích chi tiết về linh kiện  14 GHz 16-Bit Fractional-N Synthesizer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITTITE [Hittite Microwave Corporation]
Trang chủ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE bảng dữ liệu(HTML) 32 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 28Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 29Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 30Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 31Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 32Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 33Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 34Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 35Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 36Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 33
HMC702LP6CE
v03.0709
14 GHz 16-Bit Fractional-N Synthesizer
Serial Port WRITE Operation
aVDD = DVDD = 3V ±10%, aGnD = DGnD = 0V
Table 4. Timing Characteristics
Parameter
Conditions
Min.
Typ.
Max
Units
t1
sen to scLK setup time
8
nsec
t2
sDi to scLK setup time
10
nsec
t3
sDi to cLK hold time
10
nsec
t4
scLK high duration
8
nsec
t5
scLK low duration
8
nsec
t6
sen high duration
640
nsec
t7
sen low duration
20
nsec
a typical Write cycle is shown in figure 29.
a. the Master (host) both asserts sen (serial Port enable) and clears sDi to indicate a Write
cycle, followed by a rising edge of scLK.
b. the slave (synthesizer) reads sDi on the 1st rising edge of scLK after sen. sDi low initiates
the Write cycle (/Wr)
c. host places the six address bits on the next six falling edges of scLK, MsB first.
d. slave registers the address bits in the next six rising edges of scLK (2-7).
e. host places the 24 data bits on the next 24 falling edges of scK, MsB first .
f. slave registers the data bits on the next 24 rising edges of scK (8-31).
g. sen is de-asserted on the 32nd falling edge of scLK.
h. the 32nd rising edge of scLK completes the cycle
Figure 29. Serial Port Timing Diagram - WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com