công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC82L54AS bảng dữ liệu(PDF) 17 Page - Megawin Technology Co., Ltd

tên linh kiện MPC82L54AS
Giải thích chi tiết về linh kiện  8-bit micro-controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEGAWIN [Megawin Technology Co., Ltd]
Trang chủ  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82L54AS bảng dữ liệu(HTML) 17 Page - Megawin Technology Co., Ltd

Back Button MPC82L54AS Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC82L54AS Datasheet HTML 21Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
MEGAWIN
MPC82x54A Data Sheet
17
{ISPAS1, ISPAS0}:= ISP-Address-Start
{0,0}:=
Set the ISP start address 3000H.
(ISP code could take 3.5K bytes)
{0,1}:=
Set the ISP start address 3400H.
(ISP code could take 2.5K bytes)
{1,0}:=
Set the ISP start address 3800H.
(ISP code could take 1.5K bytes)
{1,1}:=
(default)
Express no ISP code.
HWBS: = Hardware-Boot-Selector
0:= (default)
Clearing the bit is to configure the device to boot from ISP program after power-up.
1:=
Setting the bit is to configure the device to boot normally from user’s application program
after power-up.
In fact, the boot entrance is determined by register SWBS from SFR ISPCR ignoring the boot
comes from RST-pin press, software-trigger, or power-up. However, if a boot happens and that
boot comes from power-up action, the device will first load the complement of the HWBS to SWBS,
and decides the boot entrance according to the state of
bit
SWBS. So the HWBS is named
Hardware Boot Selector. It influence on power-up boot, but does not influence on the boot from
RST-pin or software-trigger.
reserved1:= The bit is reserved for afterward user, and should be left at set.
The user must not clear the bit; otherwise, there could be inadvertent effect impacted on the
device.
SB: = Used to decide if the program code will be Scrambled while it is dumped.
0:=
Code dump from Writer is scrambled.
1:= (default)
Code dump from Writer is transparent.
LOCK: = Used to decide if the program code will be Locked against the popular writer.
0:=
Code dumping from Writer is locked.
1:= (default)
Permit code dumping from general Writers.
NVM register: OR1 (Option Register 1):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
-
OR1 [7:1]:= Used to set the boundary of IAP memory
The user’s application program can change only the IAP flash memory, not of AP flash memory
itself nor the ISP flash memory. The IAP memory is defined between address scope
OR1 [7:1]*512 and ISP-Address-Start.
Setting the OR1 [7:1] 1111111B means no IAP memory.
NVM register: OR2 (Option Register 2):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
reserved1
OSCDN
HWBS2
reserved1
-
reserved1
ENROSC
reserved1
reserved1:= The bit is reserved for afterward user, and should be left at set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com