công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC82L52AS bảng dữ liệu(PDF) 59 Page - Megawin Technology Co., Ltd

tên linh kiện MPC82L52AS
Giải thích chi tiết về linh kiện  8-bit micro-controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEGAWIN [Megawin Technology Co., Ltd]
Trang chủ  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82L52AS bảng dữ liệu(HTML) 59 Page - Megawin Technology Co., Ltd

Back Button MPC82L52AS Datasheet HTML 55Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 56Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 57Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 58Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 59Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 60Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 61Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 62Page - Megawin Technology Co., Ltd MPC82L52AS Datasheet HTML 63Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
MEGAWIN
MPC82x52A Data Sheet
59
Reset and Boot Entrance
There could be five conditions will cause the device to be reset.
Power-Up
RST pin press
Watch Dog Timer overflows
Power supply drops (option reset)
Software invokes
On the power-up moment, the device will load the NVM bit HWBS (OR0.3) into a bit
named SWBS in SFR ISPCR (explained later), and then determine the boot entrance
according to SWBS.
If a reset is caused exclusive Power-Up, the boot entrance is determined only by SWBS
while no preloading happens from HWBS to SWBS.
The RST pin is used to reset this device. It is connected into the device to a Schmitt
Trigger buffer to get excellent noise immunity.
Any positive pulse from RST pin must be kept at least 10us plus 36 oscillation cycles, or
the device cannot be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com