| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC2F35L bảng dữ liệu(PDF) 30 Page - Megawin Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
MPC2F35L bảng dữ liệu(HTML) 30 Page - Megawin Technology Co., Ltd |
|
30 / 46 page ![]() 30 MPC2F35_USB Data Sheet MEGAWIN TXCNT: Transmit FIFO Byte-Count Register (Endpoint-Indexed) Write Only Address: 36H Default: XXXX_XXXX System Reset or USB Reset Bit Number Bit Mnemonic Function 7 - Reserved: Write zero to this bit. 6 - Reserved: Write zero to this bit. 5 - Reserved: Write zero to this bit. 4 - Reserved: Write zero to this bit. 3 TXBC3 Transmit Byte Count Bit 3: Store transmit byte count. Maximum is 8 bytes. 2 TXBC2 Transmit Byte Count Bit 2: Store transmit byte count. Maximum is 8 bytes. 1 TXBC1 Transmit Byte Count Bit 1: Store transmit byte count. Maximum is 8 bytes. 0 TXBC0 Transmit Byte Count Bit 0: Store transmit byte count. Maximum is 8 bytes. |