| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRS10L210 bảng dữ liệu(PDF) 21 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRS10L210 bảng dữ liệu(HTML) 21 Page - Exar Corporation |
|
21 / 37 page ![]() EXSTOR - 1 XRS10L210 21 REV. 1.04 SERIAL ATA II: PORT SELECTOR VESD1 Electrostatic discharge tolerance, Human Body Model - Any pin with respect to any other pin except VDDA pins (pins 14, 34, 45, 50, 62, and 87) -1400 1400 V VESD2 Electrostatic discharge tolerance, Human Body Model - Any pin with respect to VDDA pins (pins 14, 34, 45, 50, 62, and 87) -300 300 V VESD3 Electrostatic discharge tolerance, Human Body Model - High speed IO pins (65, 66, 68, 69, 81, 82, 84, 85, 90, 91, 93, 94) with respect to VSS and VSSA pins when AC coupled to VDDA pins. -2000 2000 V θJA Junction-to-ambient thermal resistance 38.5 0C/W TABLE 8: OPERATING CONDITIONS Name Description Min Nom Max Units |