| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN8F2250B bảng dữ liệu(PDF) 21 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8F2250B bảng dữ liệu(HTML) 21 Page - SONiX Technology Company |
|
21 / 133 page ![]() SN8F2250B Series USB 2.0 Full-Speed 8-Bit Micro-Controller SONiX TECHNOLOGY CO., LTD Page 21 Version 1.1 2.1.1.5 CHECKSUM CALCULATION The last ROM addresses are reserved area. User should avoid these addresses (last address) when calculate the Checksum value. Example: The demo program shows how to calculated Checksum from 00H to the end of user’s code. MOV A,#END_USER_CODE$L B0MOV END_ADDR1, A ; Save low end address to end_addr1 MOV A,#END_USER_CODE$M B0MOV END_ADDR2, A ; Save middle end address to end_addr2 CLR Y ; Set Y to 00H CLR Z ; Set Z to 00H @@: MOVC B0BSET FC ; Clear C flag ADD DATA1, A ; Add A to Data1 MOV A, R ADC DATA2, A ; Add R to Data2 JMP END_CHECK ; Check if the YZ address = the end of code AAA: INCMS Z ; Z=Z+1 JMP @B ; If Z != 00H calculate to next address JMP Y_ADD_1 ; If Z = 00H increase Y END_CHECK: MOV A, END_ADDR1 CMPRS A, Z ; Check if Z = low end address JMP AAA ; If Not jump to checksum calculate MOV A, END_ADDR2 CMPRS A, Y ; If Yes, check if Y = middle end address JMP AAA ; If Not jump to checksum calculate JMP CHECKSUM_END ; If Yes checksum calculated is done. Y_ADD_1: INCMS Y ; Increase Y NOP JMP @B ; Jump to checksum calculate CHECKSUM_END: … … END_USER_CODE: ; Label of program end |