| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC73C1602 bảng dữ liệu(PDF) 2 Page - Silan Microelectronics Joint-stock |
|
|
|||||||||||||||||||||||||||||
SC73C1602 bảng dữ liệu(HTML) 2 Page - Silan Microelectronics Joint-stock |
|
2 / 23 page ![]() HANGZHOU SILAN MICROELECTRONICS CO.,LTD REV:2.5 2009.07.20 Http: www.silan.com.cn Page 2 of 23 Part No. Package Pin Layout Format Material Package Type SC73C1602NC-XXXG SSOP-20-225-0.65 Halogen free Tube SC73C1602NC-XXXTR SSOP-20-225-0.65 Pb free Tape & Reel SC73C1602NC-XXXGTR SSOP-20-225-0.65 Halogen free Tape & Reel SC73C1602ND-XXX SOP-20-375-1.27 Pb free Tube SC73C1602ND-XXXG SOP-20-375-1.27 Halogen free Tube SC73C1602ND-XXXTR SOP-20-375-1.27 Pb free Tape & Reel SC73C1602ND-XXXGTR SOP-20-375-1.27 Halogen free Tape & Reel SC73C1602NE-XXX SOP-16-225-1.27 Pb free Tube SC73C1602NE-XXXG SOP-16-225-1.27 Halogen free Tube SC73C1602NE-XXXTR SOP-16-225-1.27 Pb free Tape & Reel SC73C1602NE-XXXGTR SOP-16-225-1.27 Format 1 Halogen free Tape & Reel SC73C1602M-XXX SSOP-20-300-0.65 Pb free Tube SC73C1602M-XXXG SSOP-20-300-0.65 Halogen free Tube SC73C1602M-XXXTR SSOP-20-300-0.65 Pb free Tape & Reel SC73C1602M-XXXGTR SSOP-20-300-0.65 Halogen free Tape & Reel SC73C1602MA-XXX SOP-20-300-1.27 Pb free Tube SC73C1602MA-XXXG SOP-20-300-1.27 Halogen free Tube SC73C1602MA-XXXTR SOP-20-300-1.27 Pb free Tape & Reel SC73C1602MA-XXXGTR SOP-20-300-1.27 Halogen free Tape & Reel SC73C1602MC-XXX SSOP-20-225-0.65 Pb free Tube SC73C1602MC-XXXG SSOP-20-225-0.65 Halogen free Tube SC73C1602MC-XXXTR SSOP-20-225-0.65 Pb free Tape & Reel SC73C1602MC-XXXGTR SSOP-20-225-0.65 Halogen free Tape & Reel SC73C1602MD-XXX SOP-20-375-1.27 Pb free Tube SC73C1602MD-XXXG SOP-20-375-1.27 Halogen free Tube SC73C1602MD-XXXTR SOP-20-375-1.27 Pb free Tape & Reel SC73C1602MD-XXXGTR SOP-20-375-1.27 Halogen free Tape & Reel SC73C1602ME-XXX SOP-16-225-1.27 Pb free Tube SC73C1602ME-XXXG SOP-16-225-1.27 Halogen free Tube SC73C1602ME-XXXTR SOP-16-225-1.27 Pb free Tape & Reel SC73C1602ME-XXXGTR SOP-16-225-1.27 Format 2 Halogen free Tape & Reel SC73C1602Q-XXX SSOP-20-300-0.65 Pb free Tube SC73C1602Q-XXXG SSOP-20-300-0.65 Halogen free Tube SC73C1602Q-XXXTR SSOP-20-300-0.65 Pb free Tape & Reel SC73C1602Q-XXXGTR SSOP-20-300-0.65 Halogen free Tape & Reel SC73C1602QA-XXX SOP-20-300-1.27 Pb free Tube SC73C1602QA-XXXG SOP-20-300-1.27 Halogen free Tube SC73C1602QA-XXXTR SOP-20-300-1.27 Pb free Tape & Reel SC73C1602QA-XXXGTR SOP-20-300-1.27 Format 3 Halogen free Tape & Reel |