công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP7614 bảng dữ liệu(PDF) 1 Page - Exar Corporation

tên linh kiện SP7614
Giải thích chi tiết về linh kiện  Low Dropout Linear LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

SP7614 bảng dữ liệu(HTML) 1 Page - Exar Corporation

  SP7614 Datasheet HTML 1Page - Exar Corporation SP7614 Datasheet HTML 2Page - Exar Corporation SP7614 Datasheet HTML 3Page - Exar Corporation SP7614 Datasheet HTML 4Page - Exar Corporation SP7614 Datasheet HTML 5Page - Exar Corporation SP7614 Datasheet HTML 6Page - Exar Corporation SP7614 Datasheet HTML 7Page - Exar Corporation SP7614 Datasheet HTML 8Page - Exar Corporation SP7614 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Jan 09 -08 RevT
SP7612/7614 Low Dropout Linear LED driver
© 2008 EXAR Corporation
Page 1
SP7612 SP7614
FEATURES
LED Drivers for parallel connected LEDs
No EMI, no switching noise
Integrated current matching
PWM and Analog brightness control
Enable/Shutdown control
Shutdown current < 0.01µA
Tiny, RoHS Compliant Lead-Free
Packages: SC-70
Part #
Channels
Maximum Steady
State Current per LED
SP7612
3
40mA
SP7614
2
80mA
DESCRIPTION
The SP7612/4 provides a simple solution for a matched current source for any color LED. The current in the
LEDs can be programmed by an external resistor. The SP7612 is capable of driving three LEDs, while the
SP7614 can drive two LEDs. LED1 should always be connected to an LED and never left open in order to
have the other LEDs driven with a matched current to LED1. The SP7612 and SP7614 feature Enable pins
for flexible on/off control and PWM dimming. SP7612/4 has extremely low (0.01uA typical) shutdown current,
prolonging the battery life and giving the longest standby period possible in today's modern design. It is
available in a small footprint 6-pin SC-70 package.
TYPICAL APPLICATION SCHEMATIC
SP7612 Typical application
Pin outs for SP7611A and SP7612A on page 3
APPLICATIONS
Ultra low cost Handsets
PDA, DSC, MP3 players
Handheld Computers
LCD Display Modules
Keyboard Backlight
LCD Backlight
Low Dropout Linear LED Driver
SP7614
SP7614A
6 Pin SC70
1
CTRL
3
N/C
4
2
VLED1
6
5
ON/OFF
GND
VLED2


Số phần tương tự - SP7614

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sipex Corporation
SP7614 SIPEX-SP7614 Datasheet
216Kb / 9P
Low Dropout LED Driver for any Color LED
SP7614 SIPEX-SP7614 Datasheet
93Kb / 4P
Low Dropout LED Driver for any Color LED
SP7614A SIPEX-SP7614A Datasheet
687Kb / 14P
2-4 Channel Low Dropout Linear LED Driver
SP7614AEC6 SIPEX-SP7614AEC6 Datasheet
216Kb / 9P
Low Dropout LED Driver for any Color LED
SP7614AEC6 SIPEX-SP7614AEC6 Datasheet
687Kb / 14P
2-4 Channel Low Dropout Linear LED Driver
More results

Mô tả tương tự - SP7614

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sipex Corporation
SP7611A SIPEX-SP7611A Datasheet
216Kb / 9P
Low Dropout LED Driver for any Color LED
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
2 or 3 Channel Low Dropout High Side Linear LED Driver
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
2-4 Channel Low Dropout Linear LED Driver
SP7121 SIPEX-SP7121 Datasheet
452Kb / 11P
2-Channel Adjustable Low Dropout High Side Linear LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
Low Dropout LED Driver
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
TLE4309 INFINEON-TLE4309 Datasheet
295Kb / 12P
Adjustable Linear Low Dropout LED Driver
Rev. 1.0, 2007-03-20
logo
Shanghai Consonance Ele...
CN5611 CONSONANCE-CN5611 Datasheet
108Kb / 8P
Low-Dropout High-Power LED Driver
CN5612 CONSONANCE-CN5612 Datasheet
133Kb / 8P
Low-Dropout High-Power LED Driver
logo
Diodes Incorporated
BCR430UW6Q DIODES-BCR430UW6Q Datasheet
844Kb / 9P
LOW DROPOUT VOLTAGE LINEAR LED DRIVER IC IN SOT26
November 2021 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com