công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP3085E bảng dữ liệu(PDF) 22 Page - Exar Corporation

tên linh kiện SP3085E
Giải thích chi tiết về linh kiện  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

SP3085E bảng dữ liệu(HTML) 22 Page - Exar Corporation

Back Button SP3085E Datasheet HTML 17Page - Exar Corporation SP3085E Datasheet HTML 18Page - Exar Corporation SP3085E Datasheet HTML 19Page - Exar Corporation SP3085E Datasheet HTML 20Page - Exar Corporation SP3085E Datasheet HTML 21Page - Exar Corporation SP3085E Datasheet HTML 22Page - Exar Corporation SP3085E Datasheet HTML 23Page - Exar Corporation SP3085E Datasheet HTML 24Page - Exar Corporation SP3085E Datasheet HTML 25Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3080E-SP3088E_100_062309
22
DESCRIPTION
Termination prevents reflections by eliminating
the impedance mismatches on a transmission
line. Line termination is typically used if rise
and fall times are shorter than the round-trip
signal propagation time. Slew-limited drivers
may reduce or eliminate the need for cable ter-
mination in many applications.
H alf -D uplex N etwork
B i-Directional Full-Duplex Network
R epeater
(optional)
R epeater
(optional)
Point to Multi -point with Repeater
TYPICAL APPLICATIONS:
Half-Duplex Network
Bi-Directional Full-Duplex Network
Point to Multi-Point Repeater
Repeater
(optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25