| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP310ACT bảng dữ liệu(PDF) 6 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
SP310ACT bảng dữ liệu(HTML) 6 Page - Exar Corporation |
|
6 / 13 page ![]() Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com SP233A,30A,32A_00_05308 6 C 2 + - V CC C 3 C 4 C 1 + + + e- e- Phases 1 and 3: Store/Double. Double charge from C1 onto C2. C2 is now charged to -2xVcc + C 2 + - V CC C 3 C 4 C 1 + + + e- + e+ e+ C 2 + - V CC C 3 C 4 C 1 + + + Phase 2 – Vss transfer from C2 to C4. Meanwhile C1 is charged to Vcc e- e- e- + Vss transfer from C2 to C3. Meanwhile C1 is charged to Vcc V DD V- V+ V- V+ V+ Patented 5,306,954 Phase 4 VDD Figure . Charge pump phases |