| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT86VL30IV bảng dữ liệu(PDF) 39 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT86VL30IV bảng dữ liệu(HTML) 39 Page - Exar Corporation |
|
39 / 188 page ![]() XRT86VL30 34 REV. 1.0.0 SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION 1 EX2 RO x Extra Bit 2 This READ ONLY bit field indicates the value of the most recently received Extra Bit value (bit 7 within timeslot 16 of frame 0 of the signal- ing multiframe). NOTE: This bit only has meaning if the framer is using Channel Associated Signaling. 0 EX3 RO x Extra Bit 3 This READ ONLY bit field indicates the value of the most recently received Extra Bit value (bit 8 within timeslot 16 of frame 0 of the signal- ing multiframe). NOTE: This bit only has meaning if the framer is using Channel Associated Signaling. TABLE 15: RECEIVE EXTRA BITS REGISTER (REBR) HEX ADDRESS: 0X0112 BIT FUNCTION TYPE DEFAULT DESCRIPTION-OPERATION |