| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9551/PCBZ bảng dữ liệu(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9551/PCBZ bảng dữ liệu(HTML) 10 Page - Analog Devices |
|
10 / 40 page ![]() AD9551 Rev. B | Page 10 of 40 Pin No. Mnemonic Type1 Description 39 B0 I Control Pin. Selects preset values for the REFB dividers. 40 B1 I Control Pin. Selects preset values for the REFB dividers. 1 B2 I Control Pin. Selects preset values for the REFB dividers. 2 B3 I Control Pin. Selects preset values for the REFB dividers. 21 Y0 I Control Pin. Selects preset values for the output PLL feedback dividers and OUT1 dividers. 20 Y1 I Control Pin. Selects preset values for the output PLL feedback dividers and OUT1 dividers. 19 Y2 I Control Pin. Selects preset values for the output PLL feedback dividers and OUT1 dividers. 18 Y3 I Control Pin. Selects preset values for the output PLL feedback dividers and OUT1 dividers. EP Exposed Die Pad The exposed die pad must be connected to GND. 1 P = power, I = input, O = output, I/O = input/output, P/O = power/output. |