công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LDFR0024-STR bảng dữ liệu(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện LDFR0024-STR
Giải thích chi tiết về linh kiện  PINFET optical receiver modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LDFR0024-STR bảng dữ liệu(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  LDFR0024-STR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LDFR0024-STR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LDI Document #10-4400-0008 Rev. D 12/17/08
Notes:
1. Bandwidth is measured at the –3dB point.
2. A given bandwidth will typically support an NRZ data rate of 1.4
times the 3dB bandwidth.
3. Sensitivity is calculated using the noise voltage measured at
25
oC at the output of a 3-pole Butterworth filter whose bandwidth
equals that of the PINFET’s minimum specified bandwidth.
Sensitivity is specified as the average optical power in dBm
measured at 1300nm and Ta = 25
oC for a BER \of 10
-9
.
Outline Drawing
Detailed package drawings are available upon request.
Products can be ordered directly from Laser Diode Inc. or its representatives.
When ordering, refer to the numbering diagram above.
For a complete listing of representatives, visit our website at www.laserdiode.com
min
typ
max
min
typ
max
min
typ
max
Dark Current @ -5V
nA
0.5
1
0.5
1
0.5
1
Maximum Optical Input @ -5V
dBm
Sensitivity Level
-3
0
Sensitivity Level
(dBm) +25dB
(dBm) +25dB
Sensitivity Derating Over
Temperature
dB
<1
<1
<1
Detector Responsivity
A/W
850nm
.5
0.6
0.65
1300nm
0.9
0.9
1550nm
0.95
0.95
0.9
0.95
Maximum Output Signal Level
Vpp
2.5
0.8
3.0
Output Impedance
Ohms
10
10
10
Load Impedance
Ohms
1000
1000
1000
Supply Voltage
V
4.5
5.5
4.5
5.5
4.75
5.25
Power Supply Current +5V
mA
25
35
25
35
20
Power Supply Current -5V
mA
10
15
10
15
-
Fiber - MM Tight Buffer
um
50/125/245/900
50/125/245/900
50/125/245/900
Common Characteristics @ 25°C
LDSF & LDPF Series
LDPW Series
LDFR Series
Bandwidth
0004 = 4MHz
0005 = 5MHz
0012 = 12MHz
0024 = 24MHz
0032 = 32MHz
0065 = 65MHz
0120 = 120 MHz
0250 = 250MHz
__ __ __ __
__ __ __ __ __ __ R
RoHS Compliant
Designator
Connector Type
FC = FC / PC
LC = LC / PC
SC = SC / PC
ST = ST®
No Characters = No Connector
Series Indicator
LDPF
LDPW
LDSF
LDFR
Outline Drawing
Part Numbering Diagram
Personal Hazard and Handling Precautions:
Handle optical fiber with normal care, avoiding
stretch, tension, twist, kink or bend abuse.
ESD precautions apply.
Warranty:
Please refer to your product purchase
agreement for complete details or check
with your Laser Diode sales representative.
Notice:
Laser Diode Inc. reserves the right
to make changes to the products or
information contained herein without
notice. No liability is assumed as a
result of their use or application.
Pin
Function
1
-5 V detector bias
2,6,9,11
no connection
12,13,14
no connection
3,5,8
ground
4
-5 volts (LDFR = NC)
7
output
10
+5 volts
Pin Assignments
Units
LDPF, LDPW &
LDSF Series
LDFR Series
Operating Temperature
°C
-40 to +70
-55 to +85
Storage Temperature
°C
-40 to +85
-55 to +85
Positive Supply Voltage
V+7
+7
Negative Supply Voltage
V-7
-
Detector Bias
V-10
-10
Soldering time at 260°C
secs
10
10
Absolute Maximum Ratings



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com