| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LDFR0120-SCR bảng dữ liệu(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
LDFR0120-SCR bảng dữ liệu(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
|
2 / 2 page ![]() LDI Document #10-4400-0008 Rev. D 12/17/08 Notes: 1. Bandwidth is measured at the –3dB point. 2. A given bandwidth will typically support an NRZ data rate of 1.4 times the 3dB bandwidth. 3. Sensitivity is calculated using the noise voltage measured at 25 oC at the output of a 3-pole Butterworth filter whose bandwidth equals that of the PINFET’s minimum specified bandwidth. Sensitivity is specified as the average optical power in dBm measured at 1300nm and Ta = 25 oC for a BER \of 10 -9 . Outline Drawing Detailed package drawings are available upon request. Products can be ordered directly from Laser Diode Inc. or its representatives. When ordering, refer to the numbering diagram above. For a complete listing of representatives, visit our website at www.laserdiode.com min typ max min typ max min typ max Dark Current @ -5V nA 0.5 1 0.5 1 0.5 1 Maximum Optical Input @ -5V dBm Sensitivity Level -3 0 Sensitivity Level (dBm) +25dB (dBm) +25dB Sensitivity Derating Over Temperature dB <1 <1 <1 Detector Responsivity A/W 850nm .5 0.6 0.65 1300nm 0.9 0.9 1550nm 0.95 0.95 0.9 0.95 Maximum Output Signal Level Vpp 2.5 0.8 3.0 Output Impedance Ohms 10 10 10 Load Impedance Ohms 1000 1000 1000 Supply Voltage V 4.5 5.5 4.5 5.5 4.75 5.25 Power Supply Current +5V mA 25 35 25 35 20 Power Supply Current -5V mA 10 15 10 15 - Fiber - MM Tight Buffer um 50/125/245/900 50/125/245/900 50/125/245/900 Common Characteristics @ 25°C LDSF & LDPF Series LDPW Series LDFR Series Bandwidth 0004 = 4MHz 0005 = 5MHz 0012 = 12MHz 0024 = 24MHz 0032 = 32MHz 0065 = 65MHz 0120 = 120 MHz 0250 = 250MHz __ __ __ __ __ __ __ __ __ __ R RoHS Compliant Designator Connector Type FC = FC / PC LC = LC / PC SC = SC / PC ST = ST® No Characters = No Connector Series Indicator LDPF LDPW LDSF LDFR Outline Drawing Part Numbering Diagram Personal Hazard and Handling Precautions: Handle optical fiber with normal care, avoiding stretch, tension, twist, kink or bend abuse. ESD precautions apply. Warranty: Please refer to your product purchase agreement for complete details or check with your Laser Diode sales representative. Notice: Laser Diode Inc. reserves the right to make changes to the products or information contained herein without notice. No liability is assumed as a result of their use or application. Pin Function 1 -5 V detector bias 2,6,9,11 no connection 12,13,14 no connection 3,5,8 ground 4 -5 volts (LDFR = NC) 7 output 10 +5 volts Pin Assignments Units LDPF, LDPW & LDSF Series LDFR Series Operating Temperature °C -40 to +70 -55 to +85 Storage Temperature °C -40 to +85 -55 to +85 Positive Supply Voltage V+7 +7 Negative Supply Voltage V-7 - Detector Bias V-10 -10 Soldering time at 260°C secs 10 10 Absolute Maximum Ratings |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |