| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS111RC008/SPACE bảng dữ liệu(PDF) 3 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS111RC008/SPACE bảng dữ liệu(HTML) 3 Page - Austin Semiconductor |
|
3 / 22 page ![]() V V V V Volta olta olta olta oltagggggeeeee Comparator Comparator Comparator Comparator Comparator AS111 RAD-TOL AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 3 AS111 RAD-TOL Rev. 1.1 06/05 Austin Semiconductor, Inc. PRELIMINARY SPECIFICATION TYPICAL APPLICATIONS (CONTINUED)3 NOTE: Do Not Ground Strobe Pin NOTE 2: Typical input current is 50pV with inputs strobed off. NOTE 3: Pin connections shown on schematic diagram and typical applications are for TO08 metal can package. |