| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS29372F/MIL bảng dữ liệu(PDF) 10 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS29372F/MIL bảng dữ liệu(HTML) 10 Page - Austin Semiconductor |
|
10 / 10 page ![]() V V V V Volta olta olta olta oltaggggge R e R e R e R e Reeeeegula gula gula gula gulator tor tor tor tor AS29372 AS29372 Rev. 2.6 06/05 Austin Semiconductor, Inc. reserves the right to change products or specifications without notice. 10 Austin Semiconductor, Inc. *AVAILABLE PROCESSES *AVAILABLE PROCESSES IT = Industrial Temperature Range -40oC to +85oC XT = Extended Temperature Range -55oC to +125oC MIL = MIL/883 equivalent processing compliant to paragraph 1.2.2 -55oC to +125oC SPACE= MIL 883 equivalent SPACE -55oC to +125oC Process flow compliant to para 1.2.2 EXAMPLE: AS29372F/883 Device Number Package Type Process AS29372 F /* ORDERING INFORMATION |