| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS117TO39/XT bảng dữ liệu(PDF) 8 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS117TO39/XT bảng dữ liệu(HTML) 8 Page - Austin Semiconductor |
|
8 / 11 page ![]() POS POS POS POS POS Adj Adj Adj Adj Adj V V V V Volta olta olta olta oltagggggeeeee R R R R Reeeeegula gula gula gula gulator tor tor tor tor AS117 RAD-TOL AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 8 AS117 RAD-TOL Rev. 1.1 06/05 Austin Semiconductor, Inc. PRELIMINARY SPECIFICATION ASI Case (Package Designator GW16) SMD 5962-99517, Case Outline Z MECHANICAL DEFINITIONS* *All measurements are in inches. MIL-STD-1835 outline drawing GDFP1-G16 1. Lead Finish: Solder dipped with Sn 60 or Sn63 solder conforming to MIL-PRF-38535 to a min thickness of 200 micro-inches. Solder may be applied over lead base metal or Sn plate. Max limit may be increased by b) a TAB on lead 1, either side. .003 inches after lead finish applied. 2. Lead 1 identification shall be: a) A notch or other mark within this area. Notes: A e A1 b .004 .009 .015 .022 .013 .017 .037 .043 .050 BSC .235 .260 .400 .420 .228 .253 .004 .012 .050 .080 Min Max E1 0 7 e R L 0 C C b E D A1 A D PIN 1 E E1 R L 0 |