| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS1185F/XT bảng dữ liệu(PDF) 7 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS1185F/XT bảng dữ liệu(HTML) 7 Page - Austin Semiconductor |
|
7 / 7 page ![]() LOW DROPOUT LOW DROPOUT LOW DROPOUT LOW DROPOUT LOW DROPOUT REGULA REGULA REGULA REGULA REGULAT TT T TOR OR OR OR OR AS1185 AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice. 7 AS1185 Rev. 1.1 6/05 Austin Semiconductor, Inc. *AVAILABLE PROCESSES IT = Industrial Temperature Range -40oC to +85oC XT = Extended Temperature Range -55oC to +125oC MIL = /883 equivalent processing compliant to paragraph 1.2.2 -55oC to +125oC SPACE = ASI’s DSCC approved V-level/Class S (Space) Manufacturing Flow -55oC to +125oC ORDERING INFORMATION EXAMPLE: AS1185F/MIL Device Number Package Type Process AS1185 F /* |