| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ITS4100FMB bảng dữ liệu(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
ITS4100FMB bảng dữ liệu(HTML) 1 Page - Glenair, Inc. |
|
1 / 2 page ![]() U.S. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A-16 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2006 Glenair, Inc. Printed in U.S.A. Application Notes: 1. Front panel mount square flange receptacle assembly with an insulating grommet, environmental backshell, class A IT3057 cable clamp for use with individual wires and neoprene bushing. Through mounting holes. 2. Environmental class “F” (environmental)—Wire sealing grommet supplied. 3. Standard materials configuration consists of aluminum alloy cadmium olive drab finish. 4. Standard contact material consists of copper alloy with silver plating (Gold plating available, see mod codes). 5. A broad range of additional connector accessories are available. See our website and/or contact the factory for complete information. 6. Standard insert material is synthetic rubber. Add “FR” prefix to front of part number to specify fire resistant inserts. ITS 3100 (F) and ITS 4100 (F) Front Panel Mount Square Flange Receptacle Assembly with Class A IT3057 Cable Clamp and Neoprene Bushing Mod Code Option (See Table II) Alternate Insert Rotation (W, X, Y, Z) Omit for Normal (See Intro 20-21) Contact Gender P - Pin S - Socket Shell Size and Insert Arrangement (See Intro 6-25) Material Option (Omit for Aluminum) FK - Stainless Steel Passivate MB - Marine Bronze ITS 31 00 F FK 20-27 P Y XXX Bayonet Coupling Contact Type 31 - Solder 41 - Crimp 00 - Front Wall Mount Connector/Backshell Class F- Environmental; Supplied with Grommet, Cable Clamp and Neoprene Bushing L1 qS T K M M M ØA qR qR qR L |
Số phần tương tự - ITS4100FMB |
|
Mô tả tương tự - ITS4100FMB |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |