| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS5C512K8DJ-25L/XT bảng dữ liệu(PDF) 15 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS5C512K8DJ-25L/XT bảng dữ liệu(HTML) 15 Page - Austin Semiconductor |
|
15 / 17 page ![]() SRAM SRAM SRAM SRAM SRAM AS5C512K8 AS5C512K8 Rev. 7.0 05/08 Austin Semiconductor, Inc. reserves the right to change products or specifications without notice. 15 Austin Semiconductor, Inc. ASI TO DSCC PART NUMBER CROSS REFERENCE FOR SMD 5962-95600* * ASI part number is for reference only. Orders received referencing the SMD part number will be processed per the SMD. ASI Part # SMD Part # ASI Part # SMD Part # AS5C512K8EC-12L 5962-9560015QNA AS5C512K8ECJ-12L 5962-9560015QMA AS5C512K8EC-12L 5962-9560016QNA AS5C512K8ECJ-12L 5962-9560016QMA AS5C512K8EC-15 5962-9560014QNA AS5C512K8ECJ-15 5962-9560014QMA AS5C512K8EC-15L 5962-9560013QNA AS5C512K8ECJ-15L 5962-9560013QMA AS5C512K8EC-20L 5962-9560012QNA AS5C512K8ECJ-20L 5962-9560012QMA AS5C512K8EC-25L 5962-9560011QNA AS5C512K8ECJ-25L 5962-9560011QMA AS5C512K8EC-35L 5962-9560010QNA AS5C512K8ECJ-35L 5962-9560010QMA AS5C512K8EC-45L 5962-9560009QNA AS5C512K8ECJ-45L 5962-9560009QMA AS5C512K8EC-20 5962-9560004MNA AS5C512K8ECJ-20 5962-9560004MMA AS5C512K8EC-20L 5962-9560008MNA AS5C512K8ECJ-20L 5962-9560008MMA AS5C512K8EC-25 5962-9560003MNA AS5C512K8ECJ-25 5962-9560003MMA AS5C512K8EC-25L 5962-9560007MNA AS5C512K8ECJ-25L 5962-9560007MMA AS5C512K8EC-35 5962-9560002MNA AS5C512K8ECJ-35 5962-9560002MMA AS5C512K8EC-35L 5962-9560006MNA AS5C512K8ECJ-35L 5962-9560006MMA AS5C512K8EC-45 5962-9560001MNA AS5C512K8ECJ-45 5962-9560001MMA AS5C512K8EC-45L 5962-9560005MNA AS5C512K8ECJ-45L 5962-9560005MMA ASI Part # SMD Part # AS5C512K8F-12L 5962-9560015QTA AS5C512K8F-12L 5962-9560016QTA AS5C512K8F-15 5962-9560014QTA AS5C512K8F-15L 5962-9560013QTA AS5C512K8F-20L 5962-9560012QTA AS5C512K8F-25L 5962-9560011QTA AS5C512K8F-35L 5962-9560010QTA AS5C512K8F-45L 5962-9560009QTA AS5C512K8F-20 5962-9560004MTA AS5C512K8F-20L 5962-9560008MTA AS5C512K8F-25 5962-9560003MTA AS5C512K8F-25L 5962-9560007MTA AS5C512K8F-35 5962-9560002MTA AS5C512K8F-35L 5962-9560006MTA AS5C512K8F-45 5962-9560001MTA AS5C512K8F-45L 5962-9560005MTA ASI Package Designator EC ASI Package Designator ECJ ASI Package Designator F |