công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6048 bảng dữ liệu(PDF) 1 Page - Micronetics, Inc.

tên linh kiện 6048
Giải thích chi tiết về linh kiện  SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONETICS [Micronetics, Inc.]
Trang chủ  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

6048 bảng dữ liệu(HTML) 1 Page - Micronetics, Inc.

  6048 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SINGLE POLE, DOUBLE THROW
CONNECTORIZED SWITCHES WITH DIGITAL CONNECTORS
13
DESCRIPTION
High isolation, wideband
switches designed for use in
highly integrated sub-systems
where flex-cable and/or
impedance control of digital
lines is required. Each switch
features a nine-pin micro-D
connector that easily inte-
grates to control logic with-
out the need for soldered con-
nections. Hermetic,
military/industrial design.
ADDITIONAL FEATURES (#6050)
s Isolation:
Up to 75 dB
CONNECTORS
s SMA
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to +125°C
s Storage Temperature:
-65 to +150°C
s Impedance:
50 ohm
s Control:
Transistor-TransistorLogic
(TTL)
APPLICATIONS
s Radar simulation
s Microwave pulse modulator
s Radar stimulator
PART #
TYPE
FREQ
LOSS
ISO
VSWR
SWITCH
RF
DC
RANGE
dB
dB
SPEED
POWER
SUPPLY
GHZ
ns
dBm
Volts
6048
SP2T R
9-10
1.8
70
2.0:1
1000
30
+5,-5
6049
SP2T R
1-18
2.5
60
2.0:1
25
25
+5,-5
6050
SP2T N
.5-4
1.5
75
1.5:1
1000
25
+5,-5
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE


Số phần tương tự - 6048

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schurter Inc.
6048 SCHURTER-6048 Datasheet
387Kb / 3P
IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6048 SCHURTER-6048 Datasheet
318Kb / 4P
IEC Appliance Inlet C14
6048 SCHURTER-6048 Datasheet
336Kb / 4P
IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
6048 SCHURTER-6048 Datasheet
336Kb / 4P
IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect Terminal
05.01.2022
6048-H-ABC0-D-E SCHURTER-6048-H-ABC0-D-E Datasheet
387Kb / 3P
IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
More results

Mô tả tương tự - 6048

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micronetics, Inc.
6023 MICRONETICS-6023 Datasheet
43Kb / 1P
SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTORS
6034 MICRONETICS-6034 Datasheet
40Kb / 1P
SINGLE POLE, SINGLE THROW CONNECTORIZED SWITCHES
6017 MICRONETICS-6017 Datasheet
40Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES
6029 MICRONETICS-6029 Datasheet
45Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED PLUG-IN SWITCHES
6055 MICRONETICS-6055 Datasheet
39Kb / 1P
SINGLE POLE, THREE THROW CONNECTORIZED SWITCHES
6058 MICRONETICS-6058 Datasheet
41Kb / 1P
SINGLE POLE, FOUR THROW CONNECTORIZED SWITCHES WITH DIGITAL CONNECTOR
6063 MICRONETICS-6063 Datasheet
37Kb / 1P
SINGLE POLE, FIVE THROW COMMERCIAL CONNECTORIZED PLUG-IN SWITCHES
6069 MICRONETICS-6069 Datasheet
38Kb / 1P
SINGLE POLE, SIX THROW CONNECTORIZED SWITCHES
6071 MICRONETICS-6071 Datasheet
36Kb / 1P
SINGLE POLE, EIGHT THROW COMMERCIAL CONNECTORIZED PLUG-IN SWITCHES
6073 MICRONETICS-6073 Datasheet
38Kb / 1P
SINGLE POLE, TEN THROW CONNECTORIZED SWITCHES
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com