công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS4LC4M16 bảng dữ liệu(PDF) 4 Page - Austin Semiconductor

tên linh kiện AS4LC4M16
Giải thích chi tiết về linh kiện  4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AUSTIN [Austin Semiconductor]
Trang chủ  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M16 bảng dữ liệu(HTML) 4 Page - Austin Semiconductor

  AS4LC4M16 Datasheet HTML 1Page - Austin Semiconductor AS4LC4M16 Datasheet HTML 2Page - Austin Semiconductor AS4LC4M16 Datasheet HTML 3Page - Austin Semiconductor AS4LC4M16 Datasheet HTML 4Page - Austin Semiconductor AS4LC4M16 Datasheet HTML 5Page - Austin Semiconductor AS4LC4M16 Datasheet HTML 6Page - Austin Semiconductor AS4LC4M16 Datasheet HTML 7Page - Austin Semiconductor AS4LC4M16 Datasheet HTML 8Page - Austin Semiconductor AS4LC4M16 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
AS4LC4M16
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
4
AS4LC4M16
Rev. 1.1 6/05
Austin Semiconductor, Inc.
DRAM ACCESS (continued)
A logic HIGH on WE\ dictates read mode, while a logic
LOW on WE\ dictates write mode. During a WRITE cycle,
data-in (D) is latched by the falling edge of WE or CAS\ (CASL\
or CASH\), whichever occurs last. An EARLY WRITE occurs
when WE is taken LOW prior to either CAS\ falling. A LATE
WRITE or READ-MODIFY-WRITE occurs when WE falls after
CAS\ (CASL\ or CASH\) is taken LOW. During EARLYWRITE
cycles, the data outputs (Q) will remain High-Z, regardless of
the state of OE\. During LATE WRITE or READ-MODIFY-
WRITE cycles, OE\ must be taken HIGH to disable the data
outputs prior to applying input data. If a LATE WRITE or
READ-MODIFY-WRITE is attempted while keeping OE\ LOW,
no write will occur, and the data outputs will drive read data
from the accessed location.
Additionally, both bytes are active. A CAS\ precharge
must be satisfied prior to changing modes of operation be-
tween the upper and lower bytes. For example, an EARLY
WRITE on one byte and a LATE WRITE on the other byte are
not allowed during the same cycle. However, an EARLY WRITE
on one byte and a LATE WRITE on the other byte, after a CAS\
precharge has been satisfied, are permissible.
EDO PAGE MODE
DRAM READ cycles have traditionally turned the output
buffers off (High-Z) with the rising edge of CAS\. If CAS\ went
HIGH and OE\ was LOW (active), the output buffers would be
disabled. The 64MB EDO DRAM offers an accelerated page
mode cycle by eliminating output disable from CAS\ HIGH.
This option is called EDO, and it allows CAS\ precharge time
(t
CP
) to occur without the output data going invalid (see READ
and EDO-PAGE-MODE READ waveforms).
EDO operates like any DRAM READ or FAST-PAGE-
MODE READ, except data is held valid after CAS\ goes HIGH,
as long as RAS\ and OE\ are held LOW and WE\ is held HIGH.
OE\ can be brought LOW or HIGH while CAS\ and RAS\ are
LOW, and the DQs will transition between valid data and High-
Z. Using OE\, there are two methods to disable the outputs and
FIGURE 2: WORD and BYTE READ Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com