| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
557T175M bảng dữ liệu(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
557T175M bảng dữ liệu(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2004 Glenair, Inc. Printed in U.S.A. A-75 CAGE Code 06324 557-175 D-Subminiature G-Spring Solid Backshell 1. Metric dimensions (mm) are indicated in parentheses. 2. DO NOT USE CONNECTORS WITH FLOAT MOUNTINGS. 3. For front mount, mating connector must be mounted to panel using M24308/26 female screwlocks. For rear mount, use Glenair GK134. 4. For proper termination it is recommended that Glenair 469-001 shield support ring be used on all assemblies. Place ring over wire bundle and under shield, position under G-Spring. Min .125 (3.2) .156 (4.0) .280 (7.1) .280 (7.1) .375 (9.5) .625 (15.9) Cable Range Max .250 (6.4) .375 (9.5) .500 (12.7) .500 (12.7) .625 (15.9) .875 (22.2) Shell Size 1 2 3 4 5 6 TABLE I (Continued): CABLE ENTRY & GLAND NUT Com’l Shell Size Ref E/09 A/15 B/25 C/37 D/50 F/104 F Max .625 (15.9) .750 (19.1) 1.000 (25.4) 1.000 (25.4) 1.250 (31.8) 1.375 (34.9) E Max .843 (21.4) .968 (24.6) 1.156 (29.4) 1.156 (29.4) 1.218 (30.9) 1.468 (37.3) Dash No. 01 02 03 04 05 06 07 08 09 10 TABLE III: SUPPORT RING I.D. .187 (4.7) .218 (5.5) .250 (6.4) .281 (7.1) .312 (7.9) .343 (8.7) .375 (9.5) .406 (10.3) .438 (11.1) .468 (11.9) O.D. .227 (5.8) .258 (6.6) .290 (7.4) .321 (8.2) .352 (8.9) .383 (9.7) .415 (10.5) .446 (11.3) .478 (12.1) .508 (12.9) Inner Support Dash No. R1 R2 R3 R4 R5 R6 R7 R8 F0 TABLE II: RECEPTACLE MOUNTING Panel Thickness .031 (.8) .047 (1.2) .062 (1.6) .093 (2.4) .104 (2.6) .125 (3.2) .156 (4.0) .135 (3.4) N/A G .247 (6.3) .231 (5.9) .216 (5.5) .185 (4.7) .174 (4.4) .153 (3.9) .125 (3.2) .140 (3.6) .305 (7.7) Shell Size 1 2 3 4 5 6 TABLE I: SHELL SIZE & CONNECTOR INTERFACE DIMENSIONS Com’l Shell Size Ref E/09 A/15 B/25 C/37 D/50 F/104 A 1.241 (31.5) 1.569 (39.9) 2.116 (53.7) 2.757 (70.0) 2.663 (67.6) 2.757 (70.0) B .515 (13.0) .515 (13.0) .515 (13.0) .515 (13.0) .625 (15.9) .688 (17.5) C .258 (6.6) .258 (6.6) .258 (6.6) .258 (6.6) .313 (8.0) .344 (8.7) D ±.005 (.1) .984 (25.0) 1.312 (33.3) 1.852 (47.0) 2.500 (63.5) 2.406 (61.1) 2.500 (63.5) |