công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATS682LSHTN-T bảng dữ liệu(PDF) 10 Page - Allegro MicroSystems

tên linh kiện ATS682LSHTN-T
Giải thích chi tiết về linh kiện  Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS682LSHTN-T bảng dữ liệu(HTML) 10 Page - Allegro MicroSystems

Back Button ATS682LSHTN-T Datasheet HTML 6Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 7Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 8Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 9Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 10Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 11Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 12Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 13Page - Allegro MicroSystems ATS682LSHTN-T Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Miniature, Two-Wire, True Zero Speed
Differential Peak-Detecting Sensor IC
ATS682LSH
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Automatic Gain Control (AGC)
AGC allows the device to operate with an optimal internal elec-
trical signal, regardless of the air gap (within the operating signal
range specification). During calibration, the device determines
the peak-to-peak amplitude of the signal generated by the target
and automatically adjusts the signal gain. Figure 5 illustrates the
effect of this feature.
Automatic Offset Adjust (AOA)
AOA circuitry automatically compensates for the effects of chip,
magnet, and installation offsets. (For capability, see Allowable
User-Induced Differential Offset, in the Operating Characteristics
table.) This circuitry is continuously active in both calibration
mode and running mode. Continuous operation of AOA allows
the IC to compensate for offset drift and for offsets induced by
temperature variations over time.
Digital Peak Detection
A digital-to-analog converter (DAC) tracks the internal analog
voltage signal VPROC, and is used for holding the peak value
of the internal analog signal. In the example shown in figure 6,
the DAC would first track up with the signal and hold the upper
peak value. When VPROC drops below this peak value by BOP, the
device hysteresis, the output switches, and the DAC begin track-
ing the signal downward toward the negative VPROC peak. After
the DAC acquires the negative peak, the output again switches
states when VPROC is greater than the peak by the value BRP. At
this point, the DAC tracks up again and the cycle repeats. The
digital tracking of the differential analog signal allows the IC to
achieve true zero-speed operation.
Mechanical Profile
AGSmall
AGLarge
AGSmall
AGLarge
Internal Differential
Analog Signal
Response, with AGC
Internal Differential
Analog Signal
Response, without AGC
Ferrous Target
V+
V+
Device
Output Current
BRP
Internal
Differential
Analog Signal
V+
I+
BOP
Figure 5: Automatic Gain Control (AGC). The AGC function corrects for
variances in the air gap. Differences in the air gap affect the magnetic
gradient, but AGC prevents that from affecting device performance, as
shown in the lowest panel.
Figure 6. Peak detection switchpoint detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com