| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5374 bảng dữ liệu(PDF) 13 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5374 bảng dữ liệu(HTML) 13 Page - Cirrus Logic |
|
13 / 44 page ![]() CS5374 CS5374 DS862PP1 DS862PP1 13 POWER SUPPLY CHARACTERISTICS Notes: 26. All outputs unloaded. Digital inputs forced to VD or GND respectively. Amplifier inputs connected to the 800 Ω internal termination. Parameter Symbol Min Typ Max Unit Power Supply Current, ch1 + ch2 combined Analog Power Supply Current (Note 26)IA -13 16 mA Digital Power Supply Current (Note 26)ID -50 100 μA Power Supply Current, ch1 or ch2 only Analog Power Supply Current (Note 26)IA -6.5 8 mA Digital Power Supply Current (Note 26)ID -25 50 μA Power Down Current, MCLK enabled Analog Power Supply Current (Note 26)IA - 150 250 μA Digital Power Supply Current (Note 26)ID -10 75 μA Power Down Current, MCLK disabled Analog Power Supply Current (Note 26)IA -2 20 μA Digital Power Supply Current (Note 26)ID -1 20 μA Power Down Timing (after MCLK disabled) (Note 22)PDTC -40- μS Power Supply Rejection Power Supply Rejection Ratio (Note 22)PSRR - 100 - dB |