| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS2100-CP bảng dữ liệu(PDF) 30 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS2100-CP bảng dữ liệu(HTML) 30 Page - Cirrus Logic |
|
30 / 32 page ![]() CS2100-CP 30 DS840F1 9. CALCULATING THE USER DEFINED RATIO Note: The software for use with the evaluation kit has built in tools to aid in calculating and converting the User Defined Ratio. This section is for those who are not interested in the software or who are developing their systems without the aid of the evaluation kit. Most calculators do not interpret the fixed point binary representation which the CS2100 uses to define the output to input clock ratio (see Section 5.3.1 on page 17); However, with a simple conversion we can use these tools to generate a binary or hex value which can be written to the Ratio register. 9.1 High Resolution 12.20 Format To calculate the User Defined Ratio (RUD) to store in the register(s), divide the desired output clock frequen- cy by the given input clock (CLK_IN). Then multiply the desired ratio by the scaling factor of 220 to get the scaled decimal representation; then use the decimal to binary/hex conversion function on a calculator and write to the register. A few examples have been provided in Table 2. Table 2. Example 12.20 R-Values 9.2 High Multiplication 20.12 Format To calculate the User Defined Ratio (RUD) to store in the register(s), divide the desired output clock frequen- cy by the given input clock (CLK_IN). Then multiply the desired ratio by the scaling factor of 212 to get the scaled decimal representation; then use the decimal to binary/hex conversion function on a calculator and write to the register. A few examples have been provided in Table 3. Table 3. Example 20.12 R-Values Desired Output to Input Clock Ratio (output clock/input clock) Scaled Decimal Representation = (output clock/input clock) • 220 Hex Representation of Binary RUD 12.288 MHz/10 MHz=1.2288 1288490 00 13 A9 2A 11.2896 MHz/44.1 kHz=256 268435456 10 00 00 00 Desired Output to Input Clock Ratio (output clock/input clock) Scaled Decimal Representation = (output clock/input clock) • 212 Hex Representation of Binary RUD 12.288 MHz/60 Hz=204,800 838860800 32 00 00 00 11.2896 MHz/59.97 Hz =188254.127... 771088904 2D F5 E2 08 |