công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z86L8608HSC bảng dữ liệu(PDF) 21 Page - Maxim Integrated Products

tên linh kiện Z86L8608HSC
Giải thích chi tiết về linh kiện  28-Pin Low-Voltage Infrared Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

Z86L8608HSC bảng dữ liệu(HTML) 21 Page - Maxim Integrated Products

Back Button Z86L8608HSC Datasheet HTML 17Page - Maxim Integrated Products Z86L8608HSC Datasheet HTML 18Page - Maxim Integrated Products Z86L8608HSC Datasheet HTML 19Page - Maxim Integrated Products Z86L8608HSC Datasheet HTML 20Page - Maxim Integrated Products Z86L8608HSC Datasheet HTML 21Page - Maxim Integrated Products Z86L8608HSC Datasheet HTML 22Page - Maxim Integrated Products Z86L8608HSC Datasheet HTML 23Page - Maxim Integrated Products Z86L8608HSC Datasheet HTML 24Page - Maxim Integrated Products Z86L8608HSC Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
Z86L81/86/98
28-Pin Low-Voltage Infrared Microcontrollers
19-4615; Rev 0; 4/09
15
Pin Functions
Standard Mode
XTAL1 Crystal 1 (Time-Based Input)
This pin connects a parallel-resonant crystal, ceramic resonator, LC, or RC net-
work to the on-chip oscillator input. An external single-phase clock to the on-chip
oscillator input is also an option.
XTAL2 Crystal 2 (Time-Based Output)
This pin connects a parallel-resonant crystal, ceramic resonant, LC, or RC net-
work to the on-chip oscillator output.
Port 0 (P07–P00)
Port 0 is an 8-bit, bidirectional, CMOS-compatible port (see Figure 6). These eight
I/O lines are configured under software control as a nibble I/O port. The output
drivers are push-pull or open drain controlled by bit D2 in the PCON register. If
one or both nibbles are required for I/O operation, they must be configured by writ-
ing to the Port 0 mode register. After a hardware reset, Port 0 is configured as an
input port.
A mask option is available to program 0.4 VDD CMOS trip inputs on P00–P03.
This option allows direct interface to mouse/trackball IR sensors.
An optional pull-up transistor is available as a mask option on all Port 0 bits with
nibble select.
Internal pull-ups are disabled on any given pin or group of port
pins when programmed into output mode.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com