| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
447AS327XM20 bảng dữ liệu(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
447AS327XM20 bảng dữ liệu(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() A-77 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2009 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A B C D E F G 447-327 Composite Standard Profile EMI/RFI Banding Backshell with Qwik-Ty® Strain Relief and Self-Locking Rotatable Coupling TABLE IV: CABLE ENTRY Entry Dia. ±.03 (0.8) .250 (6.4) .310 (7.9) .440 (11.2) .560 (14.2) .680 (17.3) .810 (20.6) .940 (23.9) 1.000 (25.4) 1.160 (29.5) 1.250 (31.8) Entry Code 04 05 07 09 11 13 15 16 17 20 X Dia. ±.03 (0.8) .510 (13.0) .510 (13.0) .510 (13.0) .630 (16.0) .630 (16.0) .630 (16.0) .630 (16.0) .630 (16.0) .630 (16.0) .630 (16.0) E ± .06 (1.5) .69 (17.5) .75 (19.1) .81 (20.6) .88 (22.4) .94 (23.9) .97 (24.6) 1.06 (26.9) 1.13 (28.7) 1.19 (30.2) F ± .09 (2.3) .88 (22.4) 1.00 (25.4) 1.13 (28.7) 1.31 (33.3) 1.38 (35.1) 1.44 (36.6) 1.63 (41.4) 1.75 (44.5) 1.88 (47.8) G ± .09 (2.3) 1.36 (34.5) 1.42 (36.1) 1.48 (37.6) 1.55 (39.4) 1.61 (40.9) 1.64 (41.7) 1.73 (43.9) 1.80 (45.7) 1.86 (47.2) Max Entry Dash No** 04 05 07 09 11 13 15 17 20 TABLE II: CONNECTOR SHELL SIZE **Consult factory for additional entry sizes available. Shell Size For Connector Designator* A 08 10 12 14 16 18 20 22 24 F/L 08 10 12 14 16 18 20 22 24 H 09 11 13 15 17 19 21 23 25 G – – 11 13 15 17 19 – 23 U – 08 10 12 14 16 18 20 22 TABLE III: FINISH Symbol Finish Description XM 2000 Hour Corrosion Resistant Electroless Nickel XMT 2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM XW 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel NOTES 770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details. 1. Consult factory for O-ring to be supplied with part less shrink boot. 2. Metric dimensions (mm) are in parenthesis and are for reference only. 3. Coupling nut supplied unplated. 4. See Table I in Intro for front-end dimensional details. 5. |