| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
447AS328XM18 bảng dữ liệu(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
447AS328XM18 bảng dữ liệu(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() A-79 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2009 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A B C D E F G 447-328 Composite Standard Profile EMI/RFI Band-in-a-Can Backshell with Strain-Relief Clamp and Self-Locking Rotatable Coupling TABLE IV: CABLE ENTRY * Entry diameter equals maximum wire bundle diameter. Entry Dia.* ±.03 (0.8) .22 (5.6) .28 (7.1) .34 (8.6) .46 (11.7) .55 (14.0) .62 (15.7) .70 (17.8) .78 (19.8) .85 (21.6) .95 (24.1) H ±.06 (1.5) .94 (23.9) 1.17 (29.7) 1.28 (32.5) 1.41 (35.8) 1.50 (38.1) 1.56 (39.6) 1.69 (42.9) 1.81 (46.0) 1.91 (48.5) 2.02 (51.3) Entry Code 10 12 14 16 18 20 22 24 28 32 Clamp Closed ±.03 (0.8) .26 (6.6) .34 (8.6) .46 (11.7) .55 (14.0) .62 (15.7) .70 (17.8) .78 (19.8) .85 (21.6) .95 (24.1) 1.02 (25.9) Max Entry Dash No.** 10 12 14 16 20 20 22 24 32 32 E ± .06 (1.5) .69 (17.5) .75 (19.1) .81 (20.6) .88 (22.4) .94 (23.9) .97 (24.6) 1.06 (26.9) 1.13 (28.7) 1.19 (30.2) 1.34 (34.0) F ± .09 (2.3) .88 (22.4) 1.00 (25.4) 1.13 (28.7) 1.31 (33.3) 1.38 (35.1) 1.44 (36.6) 1.63 (41.4) 1.75 (44.5) 1.88 (47.8) 2.13 (54.1) G ± .09 (2.3) 1.19 (30.2) 1.25 (31.8) 1.31 (33.3) 1.38 (35.1) 1.44 (36.6) 1.47 (37.3) 1.56 (39.6) 1.63 (41.4) 1.69 (42.9) 1.78 (45.2) TABLE II: CONNECTOR SHELL SIZE **Consult factory for additional entry sizes available. Shell Size For Connector Designator* A 08 10 12 14 16 18 20 22 24 28 F/L 08 10 12 14 16 18 20 22 24 – H 09 11 13 15 17 19 21 23 25 – G – – 11 13 15 17 19 – 23 25 U – 08 10 12 14 16 18 20 22 24 TABLE III: FINISH Symbol Finish Description XM 2000 Hour Corrosion Resistant Electroless Nickel XMT 2000 Hour Corrosion Resistant Ni-PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM XW 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel |