| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
447LS325XW10 bảng dữ liệu(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
447LS325XW10 bảng dữ liệu(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() A-73 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2009 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A B C D E F G 447-325 Composite Standard Profile EMI/RFI Banding Backshell with Shrink Boot Porch and Self-Locking Rotatable Coupling TABLE III: FINISH Symbol Finish Description XM 2000 Hour Corrosion Resistant Electroless Nickel XMT 2000 Hour Corrosion Resistant Ni- PTFE, Nickel-Fluorocarbon Polymer. 1000 Hour GreyTM XW 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel TABLE IV: CABLE ENTRY Entry Dia. ±.03 (0.8) .19 (4.8) .25 (6.4) .31 (7.9) .38 (9.7) .44 (11.2) .50 (12.7) .56 (14.2) .63 (16.0) .69 (17.5) .75 (19.1) Entry Code 03 04 05 06 07 08 09 10 11 12 Dash No. 13 14 15 16 17 18 19 20 22 Entry Dia. ±.03 (0.8) .81 (20.6) .88 (22.4) .94 (23.9) 1.00 (25.4) 1.06 (26.9) 1.13 (28.7) 1.19 (30.2) 1.25 (31.8) 1.38 (35.1) H ± .06 (1.5) .72 (18.3) .75 (19.1) .75 (19.1) .76 (19.3) .78 (19.8) .79 (20.1) .82 (20.8) .86 (21.8) .89 (22.6) .92 (23.4) J ± .09 (2.3) 1.00 (25.4) 1.06 (26.9) 1.13 (28.7) 1.16 (29.5) 1.18 (30.0) 1.19 (30.2) 1.22 (31.0) 1.26 (32.0) 1.29 (32.8) 1.32 (33.5) Max Entry Dash No. (Table IV) 04 06 08 10 12 13 15 17 19 22 TABLE II: CONNECTOR SHELL SIZE (45°) Shell Size For Connector Designator* A 08 10 12 14 16 18 20 22 24 28 F/L 08 10 12 14 16 18 20 22 24 – H 09 11 13 15 17 19 21 23 25 – G – – 11 13 15 17 19 – 23 25 U – 08 10 12 14 16 18 20 22 24 H J Raised Configuration (Mfr's Option) Accommodates 600-052 Band Drain Holes Optional Entry Diameter Anti-Decoupling Device NOTES 770-001S**-0 shrink boot supplied with 1. T option. See shrink boot product page for more details. Coupling nut supplied unplated. 2. Consult factory for O-Ring to be 3. supplied with part less shrink boot. Metric dimensions (mm) are in 4. parenthesis and are for reference only. See Table I in Intro for front-end 5. dimensional details. |