| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
440LS074NF24 bảng dữ liệu(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
440LS074NF24 bảng dữ liệu(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 440 - Page 51 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 1. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. (Function S only). 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. When using Connector Designator B refer to pages 18 and 19 for part number development. 6. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Catalog for installation. L Dia .250 (6.4) .312 (7.9) .375 (9.5) .438 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .688 (17.5) .750 (19.1) .812 (20.6) .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.188 (30.2) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) Dash No. 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 20 22 24 K Dia .125 (3.2) .188 (4.8) .250 (6.4) .312 (7.9) .375 (9.5) .438 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .688 (17.5) .750 (19.1) .812 (20.6) .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) TABLE V: CABLE ENTRY See inside back cover fold-out or pages 13 and 14 for Tables I and II. 440-074 EMI/RFI Banding Adapter Direct Coupling - Standard Profile TABLE IV: ELBOW DIMENSIONS E Max .639 (16.2) .664 (16.9) .688 (17.5) .688 (17.5) .688 (17.5) .705 (17.9) .732 (18.6) .732 (18.6) .748 (19.0) .773 (19.6) .773 (19.6) .800 (20.3) .800 (20.3) .823 (20.9) .823 (20.9) Elbow Size 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 F Max .890 (22.6) .920 (23.4) .940 (23.9) .940 (23.9) .940 (23.9) .970 (24.6) .990 (25.1) .990 (25.1) 1.000 (25.4) 1.020 (25.9) 1.020 (25.9) 1.060 (26.9) 1.060 (26.9) 1.090 (27.7) 1.090 (27.7) G Max .750 (19.1) .810 (20.6) .870 (22.1) .870 (22.1) .870 (22.1) .920 (23.4) .980 (24.9) .980 (24.9) 1.020 (25.9) 1.080 (27.4) 1.080 (27.4) 1.140 (29.0) 1.140 (29.0) 1.200 (30.5) 1.200 (30.5) H Max 1.000 (25.4) 1.060 (26.9) 1.120 (28.4) 1.120 (28.4) 1.120 (28.4) 1.190 (30.2) 1.250 (31.8) 1.250 (31.8) 1.270 (32.3) 1.330 (33.8) 1.330 (33.8) 1.410 (35.8) 1.410 (35.8) 1.480 (37.6) 1.480 (37.6) Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40 A-E-F J-H-L-S 1.180 (30.0) 1.180 (30.0) 1.180 (30.0) 1.180 (30.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.610 (40.9) 1.610 (40.9) 1.610 (40.9) 1.610 (40.9) D-B-G-K 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.750 (44.5) 1.750 (44.5) 2.190 (55.6) J Max - Conn. Designator TABLE III: FRONT ADAPTER C 1.735 (44.1) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) |