| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
440LS075NF22 bảng dữ liệu(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
440LS075NF22 bảng dữ liệu(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 440 - Page 55 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Consult factory for shorter lengths on straight backshells. 4. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Catalog for installation. TABLE III: ELBOW DIMENSIONS A-F-L-S 08 10 12 14 16 18 20 22 24 Shell Size Conn. Desig. H 09 11 13 15 17 19 21 23 25 F Max .795 (20.2) .820 (20.8) .844 (21.4) .861 (21.9) .888 (22.6) .904 (23.0) .929 (23.6) .956 (24.3) .979 (24.9) J Max 1.000 (25.4) 1.060 (26.9) 1.120 (28.4) 1.190 (30.2) 1.250 (31.8) 1.270 (32.3) 1.330 (33.8) 1.410 (35.8) 1.480 (37.6) G Max .890 (22.6) .920 (23.4) .940 (23.9) .970 (24.6) .990 (25.1) 1.000 (25.4) 1.020 (25.9) 1.060 (26.9) 1.090 (27.7) H Max .906 (23.0) .966 (24.5) 1.026 (26.1) 1.076 (27.3) 1.136 (28.9) 1.176 (29.9) 1.236 (31.4) 1.296 (32.9) 1.356 (34.4) L Dia .250 (6.4) .312 (7.9) .375 (9.5) .438 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .688 (17.5) .750 (19.1) .812 (20.6) .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.188 (30.2) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) Dash No. 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 20 22 24 K Dia .125 (3.2) .188 (4.8) .250 (6.4) .312 (7.9) .375 (9.5) .438 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .688 (17.5) .750 (19.1) .812 (20.6) .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) TABLE IV: CABLE ENTRY See inside back cover fold-out or pages 13 and 14 for Tables I and II. 440-075 EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Standard Profile |