công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

440LS074NF20 bảng dữ liệu(PDF) 2 Page - Glenair, Inc.

tên linh kiện 440LS074NF20
Giải thích chi tiết về linh kiện  EMI/RFI Banding Adapter Direct Coupling - Standard Profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GLENAIR [Glenair, Inc.]
Trang chủ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440LS074NF20 bảng dữ liệu(HTML) 2 Page - Glenair, Inc.

  440LS074NF20 Datasheet HTML 1Page - Glenair, Inc. 440LS074NF20 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 51
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. When maximum cable entry (page 22) is exceeded,
Style 2 will be supplied. (Function S only).
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodations range
for the wire bundle or cable. Dimensions shown are not
intended for inspection criteria.
4. Consult factory for shorter lengths on straight
backshells.
5. When using Connector Designator B refer to pages 18
and 19 for part number development.
6. Backshells supplied with 600-052-* band, see Glenair
Series 600 Tool Catalog for installation.
L
Dia
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.188 (30.2)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
Dash
No.
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
20
22
24
K
Dia
.125
(3.2)
.188
(4.8)
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
TABLE V: CABLE ENTRY
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
440-074
EMI/RFI Banding Adapter
Direct Coupling - Standard Profile
TABLE IV: ELBOW DIMENSIONS
E
Max
.639 (16.2)
.664 (16.9)
.688 (17.5)
.688 (17.5)
.688 (17.5)
.705 (17.9)
.732 (18.6)
.732 (18.6)
.748 (19.0)
.773 (19.6)
.773 (19.6)
.800 (20.3)
.800 (20.3)
.823 (20.9)
.823 (20.9)
Elbow
Size
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
F
Max
.890 (22.6)
.920 (23.4)
.940 (23.9)
.940 (23.9)
.940 (23.9)
.970 (24.6)
.990 (25.1)
.990 (25.1)
1.000 (25.4)
1.020 (25.9)
1.020 (25.9)
1.060 (26.9)
1.060 (26.9)
1.090 (27.7)
1.090 (27.7)
G
Max
.750 (19.1)
.810 (20.6)
.870 (22.1)
.870 (22.1)
.870 (22.1)
.920 (23.4)
.980 (24.9)
.980 (24.9)
1.020 (25.9)
1.080 (27.4)
1.080 (27.4)
1.140 (29.0)
1.140 (29.0)
1.200 (30.5)
1.200 (30.5)
H
Max
1.000 (25.4)
1.060 (26.9)
1.120 (28.4)
1.120 (28.4)
1.120 (28.4)
1.190 (30.2)
1.250 (31.8)
1.250 (31.8)
1.270 (32.3)
1.330 (33.8)
1.330 (33.8)
1.410 (35.8)
1.410 (35.8)
1.480 (37.6)
1.480 (37.6)
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
28/29
32/33
36
40
A-E-F
J-H-L-S
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
D-B-G-K
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.750 (44.5)
1.750 (44.5)
2.190 (55.6)
J Max - Conn. Designator
TABLE III: FRONT ADAPTER
C
1.735 (44.1)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)



Html Pages

1 2