| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
440SC072NF20 bảng dữ liệu(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
440SC072NF20 bảng dữ liệu(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 440 - Page 43 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied (not available on Function C). Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Cata- log for installation. 4. Angular function "C", low-profile split elbow, not available with "S" connector designator. Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 J Max 1.880 (47.8) 1.940 (49.3) 2.010 (51.1) 2.040 (51.8) 2.140 (54.4) 2.200 (55.9) 2.260 (57.4) 2.320 (58.9) 2.380 (60.5) G Max 1.940 (49.3) 2.000 (50.8) 2.070 (52.6) 2.100 (53.3) 2.200 (55.9) 2.260 (57.4) 2.320 (58.9) 2.380 (60.5) 2.440 (62.0) L Max 2.220 (56.4) 2.380 (60.5) 2.380 (60.5) 2.450 (62.2) 2.500 (63.5) 2.530 (64.3) 2.530 (64.3) 2.680 (68.1) 2.680 (68.1) P Dia .250 (6.4) .312 (7.9) .375 (9.5) .438 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .688 (17.5) .750 (19.1) .812 (20.6) .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.188 (30.2) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) Dash No. 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 20 22 24 N Dia .125 (3.2) .188 (4.8) .250 (6.4) .312 (7.9) .375 (9.5) .438 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .688 (17.5) .750 (19.1) .812 (20.6) .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) TABLE IV: CABLE ENTRY R Dia .312 (7.9) .375 (9.5) .438 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .688 (17.5) .750 (19.1) .812 (20.6) .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.188 (30.2) 1.250 (31.8) 1.312 (33.3) 1.438 (36.5) 1.562 (39.7) 1.688 (42.9) F Max .596 (15.1) .656 (16.7) .716 (18.2) .776 (19.7) .836 (21.2) .906 (23.0) .976 (24.8) 1.036 (26.3) 1.096 (27.8) H Max .836 (21.2) .906 (23.0) .966 (24.5) 1.026 (26.1) 1.086 (27.6) 1.156 (29.4) 1.216 (30.9) 1.276 (32.4) 1.336 (33.9) M Max .837 (21.3) .887 (22.5) .887 (22.5) .987 (25.1) 1.137 (28.9) 1.337 (34.0) 1.337 (34.0) 1.337 (34.0) 1.337 (34.0) K Ref .496 (12.6) .426 (10.8) .426 (10.8) .436 (11.1) .576 (14.6) .796 (20.2) .796 (20.2) .696 (17.7) .696 (17.7) Function C Max Wire Bundle .250 (6.4) .375 (9.5) .375 (9.5) .500 (12.7) .625 (15.9) .625 (15.9) .625 (15.9) .750 (19.1) .750 (19.1) See inside back cover fold-out or pages 13 and 14 for Tables I and II. TABLE III: ELBOW DIMENSIONS 440-072 EMI/RFI Dual Banding Adapter Self-Locking Rotatable Coupling - Split Shell |