công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

440FD071NF24 bảng dữ liệu(PDF) 2 Page - Glenair, Inc.

tên linh kiện 440FD071NF24
Giải thích chi tiết về linh kiện  EMI/RFI Dual Banding Adapter Direct Coupling - Split Shell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GLENAIR [Glenair, Inc.]
Trang chủ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440FD071NF24 bảng dữ liệu(HTML) 2 Page - Glenair, Inc.

  440FD071NF24 Datasheet HTML 1Page - Glenair, Inc. 440FD071NF24 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 37
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. Metric dimensions (mm) are indicated in
parentheses.
2. When using Connector Designator B
refer to pages 18 and 19 for part
number development.
3. Backshells supplied with 600-052-*
band, see Glenair Series 600 Tool
Catalog for installation.
N
Dia
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.188 (30.2)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
Dash
No.
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
20
22
24
M
Dia
.125
(3.2)
.188
(4.8)
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
TABLE V: CABLE ENTRY
P
Dia
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.188 (30.2)
1.250 (31.8)
1.312 (33.3)
1.438 (36.5)
1.562 (39.7)
1.688 (42.9)
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
440-071
EMI/RFI Dual Banding Adapter
Direct Coupling - Split Shell
TABLE IV: ELBOW DIMENSIONS
G
Max
.680 (17.3)
.680 (17.3)
.680 (17.3)
.750 (19.1)
.750 (19.1)
.810 (20.6)
.810 (20.6)
.870 (22.1)
.930 (23.6)
.930 (23.6)
1.000 (25.4)
1.060 (26.9)
1.060 (26.9)
1.120 (28.4)
1.120 (28.4)
E
Max
.440 (11.2)
.440 (11.2)
.440 (11.2)
.500 (12.7)
.500 (12.7)
.560 (14.2)
.560 (14.2)
.620 (15.7)
.680 (17.3)
.680 (17.3)
.750 (19.1)
.820 (20.8)
.820 (20.8)
.880 (22.4)
.880 (22.4)
Elbow
Size
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
F
Max
1.940 (49.3)
1.940 (49.3)
1.940 (49.3)
2.000 (50.8)
2.000 (50.8)
2.070 (52.6)
2.070 (52.6)
2.100 (53.3)
2.200 (55.9)
2.200 (55.9)
2.260 (57.4)
2.320 (58.9)
2.320 (58.9)
2.380 (60.5)
2.380 (60.5)
H
Max
1.880 (47.8)
1.880 (47.8)
1.880 (47.8)
1.940 (49.3)
1.940 (49.3)
2.010 (51.1)
2.010 (51.1)
2.040 (51.8)
2.140 (54.4)
2.140 (54.4)
2.200 (55.9)
2.260 (57.4)
2.260 (57.4)
2.320 (58.9)
2.320 (58.9)
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
28/29
32/33
36
40
A-E-F
J-H-L-S
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
D-B-G-K
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.750 (44.5)
1.750 (44.5)
2.190 (55.6)
J Max - Conn. Designator
TABLE III: FRONT ADAPTER
C
1.735 (44.1)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)



Html Pages

1 2