| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
440LS071NF12 bảng dữ liệu(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
440LS071NF12 bảng dữ liệu(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 440 - Page 35 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 L Dia .250 (6.4) .312 (7.9) .375 (9.5) .438 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .688 (17.5) .750 (19.1) .812 (20.6) .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.188 (30.2) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) 1.625 (41.3) Dash No. 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 20 22 24 K Dia .125 (3.2) .188 (4.8) .250 (6.4) .312 (7.9) .375 (9.5) .438 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .688 (17.5) .750 (19.1) .812 (20.6) .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) TABLE V: CABLE ENTRY M Dia .312 (7.9) .375 (9.5) .438 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .688 (17.5) .750 (19.1) .812 (20.6) .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.188 (30.2) 1.250 (31.8) 1.312 (33.3) 1.438 (36.5) 1.562 (39.7) 1.688 (42.9) 1. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. (Function S only). 2. Metric dimensions (mm) are indicated in parentheses. 3. Consult factory for shorter lengths on straight backshells. 4. When using Connector Designator B refer to pages 18 and 19 for part number development. 5. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Catalog for installation. See inside back cover fold-out or pages 13 and 14 for Tables I and II. 440-071 EMI/RFI Dual Banding Adapter Direct Coupling - Standard Profile TABLE IV: ELBOW DIMENSIONS G Max .750 (19.1) .750 (19.1) .750 (19.1) .810 (20.6) .810 (20.6) .870 (22.1) .870 (22.1) .920 (23.4) .980 (24.9) .980 (24.9) 1.020 (25.9) 1.080 (27.4) 1.080 (27.4) 1.140 (29.0) 1.140 (29.0) E Max .639 (16.2) .639 (16.2) .639 (16.2) .664 (16.9) .664 (16.9) .688 (17.5) .688 (17.5) .705 (17.9) .732 (18.6) .732 (18.6) .748 (19.0) .773 (19.6) .773 (19.6) .800 (20.3) .800 (20.3) Elbow Size 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 F Max 1.328 (33.7) 1.328 (33.7) 1.328 (33.7) 1.358 (34.5) 1.358 (34.5) 1.378 (35.0) 1.378 (35.0) 1.408 (35.8) 1.428 (36.3) 1.428 (36.3) 1.438 (36.5) 1.458 (37.0) 1.458 (37.0) 1.498 (38.0) 1.498 (38.0) H Max 1.438 (36.5) 1.438 (36.5) 1.438 (36.5) 1.498 (38.0) 1.498 (38.0) 1.558 (39.6) 1.558 (39.6) 1.628 (41.4) 1.688 (42.9) 1.688 (42.9) 1.708 (43.4) 1.768 (44.9) 1.768 (44.9) 1.848 (46.9) 1.848 (46.9) Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40 A-E-F J-H-L-S 1.180 (30.0) 1.180 (30.0) 1.180 (30.0) 1.180 (30.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.380 (35.0) 1.610 (40.9) 1.610 (40.9) 1.610 (40.9) 1.610 (40.9) D-B-G-K 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.560 (39.6) 1.750 (44.5) 1.750 (44.5) 2.190 (55.6) J Max - Conn. Designator TABLE III: FRONT ADAPTER C 1.735 (44.1) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) |