| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B048F030T21 bảng dữ liệu(PDF) 2 Page - Vicor Corporation |
|
|
|||||||||||||||||||||||||||||
B048F030T21 bảng dữ liệu(HTML) 2 Page - Vicor Corporation |
|
2 / 2 page ![]() vicorpower.com 800-735-6200 Rev. 1.3 9/09 Page 2 of 2 BCM Mechanical Outline Drawing Full Chip General Specifications Parameter Value Units Notes Full Half ISOLATION Voltage 2,250 V Min. Capacitance 3,000 1750 pF Resistance 10 M Ω Min. cTÜVus UL /CSA 60950, EN60950 AGENCY APPROVALS / STANDARDS CE Mark Low Voltage Directive RoHS THERMAL Operating Junction Temperature -40 to 125 °C T-Grade -55 to 125 °C M-Grade Storage Temperature -40 to 125 °C T-Grade -65 to 125 °C M-Grade The products described on this document are protected by the following U.S. Patents Numbers: 5,945,130; 6,403,009; 6,710,257; 6,911,848; 6,930,893; 6,934,166; 6,940,013; 6,969,909; 7,038,917; 7,166,898; 7,187,263; 7,361,844; D496,906; D505,114; D506,438; D509,472 and for use under 6,975,098 and 6,984,965 BOTTOM VIEW TOP VIEW ( COMPONENT SIDE ) inch mm NOTES: 1. DIMENSIONS ARE . 2. UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE: .X / [.XX] = +/-0.25 / [.01]; .XX / [.XXX] = +/-0.13 / [.005] 3. PRODUCT MARKING ON TOP SURFACE DXF and PDF files are available on vicorpower.com BCM Mechanical Outline Drawing Half Chip BOTTOM VIEW TOP VIEW ( COMPONENT SIDE ) |