| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
400SS002M28 bảng dữ liệu(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
400SS002M28 bảng dữ liệu(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 40 - Page 11 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 Dash No. 02 03 04 05 06 07 08 09 10 K Max .545 (13.8) .670 (17.0) .795 (20.2) .920 (23.4) 1.045 (26.5) 1.170 (29.7) 1.295 (32.9) 1.420 (36.1) 1.670 (42.4) Cable Entry Max .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) TABLE V: CABLE ENTRY Cable Range L Max .968 (24.6) 1.046 (26.6) 1.156 (29.4) 1.218 (30.9) 1.343 (34.1) 1.468 (37.3) 1.593 (40.5) 1.718 (43.6) 1.843 (46.8) Dash No. 02 03 04 05 06 07 08 09 10 Min .125 (3.2) .250 (6.4) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .625 (15.9) .750 (19.1) .875 (22.2) Max .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) TABLE VI: CABLE ENTRY TABLE IV: ELBOW DIMENSIONS G Max .636 (16.2) .709 (18.0) .734 (18.6) .829 (21.1) .990 (25.1) 1.000 (25.4) 1.325 (33.7) 1.325 (33.7) 1.325 (33.7) H Max 1.670 (42.4) 1.790 (45.5) 1.810 (46.0) 1.880 (47.8) 1.970 (50.0) 2.140 (54.4) 2.250 (57.2) 2.250 (57.2) 2.250 (57.2) E Max .630 (16.0) .630 (16.0) .692 (17.6) .755 (19.2) .848 (21.5) 1.036 (26.3) 1.130 (28.7) 1.130 (28.7) 1.130 (28.7) See inside back cover fold-out or pages 13 and 14 for Tables I and II. Elbow Size 02 03 04 05 06 07 08 09 10 F Max 1.720 (43.7) 1.720 (43.7) 1.780 (45.2) 1.870 (47.5) 1.970 (50.0) 2.170 (55.1) 2.310 (58.7) 2.310 (58.7) 2.310 (58.7) 1. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. (Function S only). 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. 5. When using Connector Designator B refer to pages 18 and 19 for part number development. Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40 A-D-E-F J-H-L-S 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) 1.000 (25.4) B-G-K 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.250 (31.8) 1.416 (36.0) 1.416 (36.0) 1.416 (36.0) 1.416 (36.0) 1.416 (36.0) 1.416 (36.0) 1.416 (36.0) 1.416 (36.0) 1.687 (42.9) J Max - Conn. Designator TABLE III: FRONT ADAPTER C 1.735 (44.1) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 1.915 (48.6) 400-002 TAG® Ring Backshell with Strain Relief Direct Coupling - Low Profile |