| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
B048F030T21 bảng dữ liệu(PDF) 9 Page - Vicor Corporation |
|
|
|||||||||||||||||||||||||||||
B048F030T21 bảng dữ liệu(HTML) 9 Page - Vicor Corporation |
|
9 / 12 page ![]() vicorpower.com 800-735-6200 V•I Chip Bus Converter Module B048F030T21 Rev. 2.6 Page 9 of 12 V•I Chip Bus Converter Module Configuration Options 2.95±0.07 [0.116±0.003] NON-PLATED THROUGH HOLE SEE NOTE 1. ø (2) PL (4.37) 0.172 (11.37) 0.448 (7.00) 0.276 (36.50) 1.437 (18.25) 0.719 (2.510) 0.099 (31.48) 1.240 (39.50) 1.555 SEE NOTE 2. DOTTED LINE INDICATES VIC POSITION SEE NOTE 3 HEAT SINK PUSH-PIN HOLE PATTERN ( TOP SIDE SHOWN ) SEE NOTE 3 inch (mm) . NOTES: 1. MAINTAIN 3.5/[0.138] DIA. KEEP OUT ZONE FREE OF COPPER. ALL PCB LAYERS. 2. MINIMUM RECOMMENDED PITCH IS 39.50/[1.555]. THIS PROVIDES 7.00/[0.276] COMPONENT EDGE-TO-EDGE SPACING. AND 0.50/[0.020] CLEARANCE BETWEEN VICOR HEAT SINKS. 3. V•I CHIP LAND PATTERN SHOWN FOR REFERENCE ONLY; ACTUAL LAND PATTERN MAY DIFFER. DIMENSIONS FROM EDGES OF LAND PATTERN TO PUSH-PIN HOLES WILL BE THE SAME FOR ALL FULL SIZE V•I CHIPS. 4. DIMENSION ARE Figure 19 — Hole location for push pin heat sink relative to V•I Chip |