công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P024F048T12AL bảng dữ liệu(PDF) 13 Page - Vicor Corporation

tên linh kiện P024F048T12AL
Giải thích chi tiết về linh kiện  PRM Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

P024F048T12AL bảng dữ liệu(HTML) 13 Page - Vicor Corporation

Back Button P024F048T12AL Datasheet HTML 6Page - Vicor Corporation P024F048T12AL Datasheet HTML 7Page - Vicor Corporation P024F048T12AL Datasheet HTML 8Page - Vicor Corporation P024F048T12AL Datasheet HTML 9Page - Vicor Corporation P024F048T12AL Datasheet HTML 10Page - Vicor Corporation P024F048T12AL Datasheet HTML 11Page - Vicor Corporation P024F048T12AL Datasheet HTML 12Page - Vicor Corporation P024F048T12AL Datasheet HTML 13Page - Vicor Corporation P024F048T12AL Datasheet HTML 14Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
vicorpower.com
800-735-6200
V•I Chip Pre-Regulator Module
P024F048T12AL
Rev. 2.7
Page 13 of 14
Configuration Options
V•I Chip Pre-Regulator Module
2.95±0.07
[0.116±0.003]
NON-PLATED
THROUGH HOLE
SEE NOTE 1.
ø
(2) PL
(4.37)
0.172
(11.37)
0.448
(7.00)
0.276
(36.50)
1.437
(18.25)
0.719
(2.510)
0.099
(31.48)
1.240
(39.50)
1.555
SEE NOTE 2.
DOTTED LINE
INDICATES VIC
POSITION
SEE NOTE 3
HEAT SINK PUSH-PIN HOLE PATTERN
( TOP SIDE SHOWN )
SEE NOTE 3
inch
(mm)
.
NOTES:
1. MAINTAIN 3.5/[0.138] DIA. KEEP OUT ZONE FREE OF
COPPER. ALL PCB LAYERS.
2. MINIMUM RECOMMENDED PITCH IS 39.50/[1.555].
THIS PROVIDES 7.00/[0.276] COMPONENT EDGE-TO-EDGE SPACING.
AND 0.50/[0.020] CLEARANCE BETWEEN VICOR HEAT SINKS.
3. V•I CHIP LAND PATTERN SHOWN FOR REFERENCE ONLY;
ACTUAL LAND PATTERN MAY DIFFER.
DIMENSIONS FROM EDGES OF LAND PATTERN TO PUSH-PIN
HOLES WILL BE THE SAME FOR ALL FULL SIZE V•I CHIPS.
4. DIMENSION ARE
Figure 23 — Hole location for push pin heat sink relative to V•I Chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14