| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
319AS136XM20 bảng dữ liệu(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
319AS136XM20 bảng dữ liệu(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() A-19 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2009 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A B C D E F G 319-136 Composite EMI/RFI Shield Sock with Shrink Boot Porch and Self-Locking Rotatable Coupling TABLE IV: ENTRY Dash Number Entry Diameter ± .03 (0.8) 03 .19 (4.8) 04 .25 (6.4) 05 .31 (7.9) 06 .38 (9.7) 07 .44 (11.2) 08 .50 (12.7) 09 .56 (14.2) 10 .63 (16.0) 11 .69 (17.5) 12 .75 (19.1) 13 .81 (20.6) 14 .88 (22.4) 15 .94 (23.9) 16 1.00 (25.4) 17 1.06 (26.9) 18 1.13 (28.7) 19 1.19 (30.2) 20 1.25 (31.8) 21 1.31 (33.3) 22 1.38 (35.1) TABLE II: SHELL SIZE Shell Size E ± .06 (1.5) F ± .09 (2.3) G ± .09 (2.3) H ± .06 (1.5) J ± .09 (2.3) Max. Entry Dash Number (Table III) A, F H 08 09 .69 (17.5) .88 (22.4) 1.19 (30.2) .72 (18.3) 1.00 (25.4) 04 10 11 .75 (19.1) 1.00 (25.4) 1.25 (31.8) .75 (19.1) 1.06 (26.9) 06 12 13 .81 (20.6) 1.13 (28.7) 1.31 (33.3) .75 (19.1) 1.13 (28.7) 08 14 15 .88 (22.4) 1.31 (33.3) 1.38 (35.1) .76 (19.3) 1.16 (29.5) 10 16 17 .94 (23.9) 1.38 (35.1) 1.44 (36.6) .78 (19.8) 1.18 (30.0) 12 18 19 .97 (24.6) 1.44 (36.6) 1.47 (37.3) .79 (20.1) 1.19 (30.2) 13 20 21 1.06 (26.9) 1.63 (41.4) 1.56 (39.6) .82 (20.8) 1.22 (31.0) 15 22 23 1.13 (28.7) 1.75 (44.5) 1.63 (41.4) .86 (21.8) 1.26 (32.0) 17 24 25 1.19 (30.2) 1.88 (47.8) 1.69 (42.9) .89 (22.6) 1.29 (32.8) 19 28 - 1.34 (34.0) 2.13 (54.1) 1.78 (45.2) .92 (23.4) 1.32 (33.5) 22 TABLE V: BRAID TYPE Symbol Braid Type A 100% AmberStrand® B 75%/25% AmberStrand® Blend Standard Nickel/Copper 34awg T Tin/Copper 34awg TABLE III: FINISH Symbol Finish Description XM 2000 Hour Corrosion Resistant Electroless Nickel XMT 2000 Hour Corrosion Resistant Ni-PTFE, Nickel- Fluorocarbon Polymer. 1000 Hour GreyTM XW 2000 Hour Corrosion Resistant Cadmium Olive Drab Over Electroless Nickel |