| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
360FS014XB10 bảng dữ liệu(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
360FS014XB10 bảng dữ liệu(HTML) 1 Page - Glenair, Inc. |
|
1 / 2 page ![]() A-32 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2009 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A B C D E F G 360-014 Composite Non-Environmental Backshell with Self-Locking Rotatable Coupling and Strain Relief .59 (15.0) Max Cable Range H 1.25 (31.8) Max Anti-Decoupling Device Cable Range H .59 (15.0) Max F E G Connector Designator A, F, L, H, G and U 360 H S 014 XO 19 20 Connector Shell Size (See Table II) Cable Entry (Table IV) Product Series 360 - Non-Environmental Strain Relief Basic Part Number Angle and Profile S - Straight W - 90° Elbow Finish Symbol (See Table III) NOTES Coupling nut supplied unplated. 1. See Table I in Intro for front-end dimensional details. 2. CONNECTOR DESIGNATOR: A MIL-DTL-5015, -26482 Series II, and -83723 Series I and III F MIL-DTL-38999 Series I, II L MIL-DTL-38999 Series 1.5 (JN1003) H MIL-DTL-38999 Series III and IV G MIL-DTL-28840 U DG123 and DG123A SELF-LOCKING ROTATABLE COUPLING STANDARD PROFILE |
Số phần tương tự - 360FS014XB10 |
|
Mô tả tương tự - 360FS014XB10 |