| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
330SS001G16 bảng dữ liệu(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
330SS001G16 bảng dữ liệu(HTML) 1 Page - Glenair, Inc. |
|
|
1 / 1 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 33 - 2 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 CONNECTOR DESIGNATORS A-F-H-L-S ROTATABLE COUPLING 330 F S 001 M 16 03-5 Product Series Connector Designator Angle and Profile S = Straight Basic Part No. 001 = External Thread 002 = Internal Thread Length Designator (1/2 inch incre- ments: e.g. 5=2.5 inches, Minimum Lengths Table III) Cable Entry (Table III) Shell Size (Table I) Finish (Table II) 1. Pipe threads per American standard taper pipe thread. 2. Metric dimensions (mm) are indicated in parentheses. 3. O-Ring not supplied with Connector Designator A. TABLE II: STANDARD FINISHES GLENAIR SYMBOL B C G M NF FINISH Cadmium Plate, Olive Drab Anodize, Black Hard Coat, Anodic Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel See Back Cover for Complete Finish Information and Additional Finish Options 330-001 and 330-002 Pipe Thread Adapters Rotatable Coupling Length ± .060 (1.52) A Thread (Table I) C (Table I) External Tapered Pipe Thread Internal Tapered Pipe Thread F (Table III) E (Table III) G (Table III) A Thread (Table I) C (Table I) Wrench Flats Typ. (Space Permitting) Length ± .060 (1.52) O-Ring E (Table III) See inside back cover fold- out or pages 13 and 14 for unabridged Tables I and II. TABLE III: CABLE ENTRY Dash No. 01 02 03 04 05 06 07 08 09 10 E .391 (9.9) .593 (15.1) .593 (15.1) .781 (19.8) .812 (20.6) 1.000 (25.4) 1.031 (26.2) 1.031 (26.2) 1.062 (27.0) 1.453 (36.9) G Dia .500 (12.7) .625 (15.9) .875 (22.2) 1.000 (25.4) 1.250 (31.8) 1.500 (38.1) 1.750 (44.5) 2.125 (54.0) 2.500 (63.5) 3.250 (82.6) Min 1.5 (38.1) 1.5 (38.1) 1.5 (38.1) 2.0 (50.8) 2.0 (50.8) 2.0 (50.8) 2.5 (63.5) 2.5 (63.5) 2.5 (63.5) 2.5 (63.5) F Dia .405 (10.3) .540 (13.7) .675 (17.1) .840 (21.3) 1.050 (26.7) 1.315 (33.4) 1.660 (42.2) 1.900 (48.3) 2.375 (60.3) 2.875 (73.0) Pipe Thread 1/8 1/4 3/8 1/2 3/4 1 1 1/4 1 1/2 2 2 1/2 Length Desig. 3 3 3 4 4 4 5 5 5 5 Now Available with the “NESTOR” Add “-445” to Specify Glenair’s Non-Detent, Spring-Loaded, Self- Locking Coupling. See Page 41 for Details. |
Số phần tương tự - 330SS001G16 |
|
Mô tả tương tự - 330SS001G16 |