| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
311HS063XM20 bảng dữ liệu(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
311HS063XM20 bảng dữ liệu(HTML) 1 Page - Glenair, Inc. |
|
1 / 2 page ![]() A-8 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2009 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A B C D E F G Shrink Boot (Omit for None) Finish Symbol (See Table III) Connector Designator A, F and H Product Series 311 - EMI/RFI Lamp Base Thread w/ Shrink Boot Porch 311 H S 063 M 18 05 T Angle and Profile S - Straight Basic Part Number Connector Shell Size (See Table II) Cable Entry (See Table IV) TABLE II: SHELL SIZE Shell Size Max Dash Number A, F H 08 09 02 10 11 03 12 13 04 14 15 05 16 17 06 18 19 07 20 21 08 22 23 09 24 25 10 311-063 Composite Lamp Base Thread EMI/RFI Environmental Shield Termination Backshell with Shrink Boot Porch and Direct Coupling Nut A Thread 1.38 Max .140 / .130 Cable Entry D Knurl Style Mfr. Option - Typ CONNECTOR DESIGNATOR: A MIL-DTL-5015, -26482 Series II, and -83723 Series I and III F MIL-DTL-38999 Series I, II H MIL-DTL-38999 Series III and IV DIRECT COUPLING |
Số phần tương tự - 311HS063XM20 |
|
Mô tả tương tự - 311HS063XM20 |