công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

310DS034NF bảng dữ liệu(PDF) 2 Page - Glenair, Inc.

tên linh kiện 310DS034NF
Giải thích chi tiết về linh kiện  O-Ring Sealed Shrink Boot Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GLENAIR [Glenair, Inc.]
Trang chủ  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

310DS034NF bảng dữ liệu(HTML) 2 Page - Glenair, Inc.

  310DS034NF Datasheet HTML 1Page - Glenair, Inc. 310DS034NF Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 310 - Page 5
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. Cable Entry is defined as the accomodation range for the wire bundle or
cable. Dimensions shown are not intended for inspection criteria.
2. See Shrink Boot Reference Information (page 40).
3. Metric dimensions (mm) are indicated in parentheses.
4. When using Connector Designator B refer to pages 18 and 19 for part
number development.
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
28
32
L
Max
.688 (17.5)
.803 (20.4)
.938 (23.8)
1.063 (27.0)
1.238 (31.4)
1.310 (33.3)
1.436 (36.5)
1.560 (39.6)
1.686 (42.8)
2.062 (52.4)
2.312 (58.7)
2.562 (65.1)
2.812 (71.4)
K Max
.500 (12.7)
.500 (12.7)
.500 (12.7)
.500 (12.7)
.500 (12.7)
.500 (12.7)
.500 (12.7)
.500 (12.7)
.500 (12.7)
.687 (17.4)
.687 (17.4)
.687 (17.4)
.687 (17.4)
Shrink Boot *
202K121-25-0
202K132-25-0
202K132-25-0
202K142-25-0
202K153-25-0
202K153-25-0
202K163-25-0
202K163-25-0
202K174-25-0
202K174-25-0
202K185-25-0
202K185-25-0
202K185-25-0
* Raychem Shrink Boot Supplied with "T" Option
(see Part Number Development)
TABLE V: CABLE ENTRY AND SHRINK BOOT
Cable Entry
Min
.250
(6.4)
.355
(9.0)
.491 (12.5)
.565 (14.4)
.690 (17.5)
.769 (19.5)
.844 (21.4)
1.019 (25.9)
1.134 (28.8)
1.369 (34.8)
1.615 (41.0)
1.830 (46.5)
2.045 (51.9)
Shell
Size
08
10/11
12/13
14/15
16/17
18
20
22
24
28
32
36
40
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
TABLE IV: DIMENSIONS
E
Max
.639 (16.2)
.664 (16.9)
.688 (17.5)
.705 (17.9)
.732 (18.6)
.748 (19.0)
.773 (19.6)
.800 (20.3)
.823 (20.9)
1.041 (26.4)
1.092 (27.7)
F
Max
.810 (20.6)
.840 (21.3)
.860 (21.8)
.890 (22.6)
.910 (23.1)
.920 (23.4)
.940 (23.9)
.980 (24.9)
1.010 (25.7)
1.180 (30.0)
1.370 (34.8)
G
Max
.750 (19.1)
.810 (20.6)
.870 (22.1)
.920 (23.4)
.980 (24.9)
1.020 (25.9)
1.080 (27.4)
1.140 (29.0)
1.200 (30.5)
1.480 (37.6)
1.610 (40.9)
H
Max
.920 (23.4)
.980 (24.9)
1.040 (26.4)
1.110 (28.2)
1.170 (29.7)
1.190 (30.2)
1.250 (31.8)
1.330 (33.8)
1.400 (35.6)
1.640 (41.7)
1.880 (47.8)
310-034
O-Ring Sealed Shrink Boot Adapter
Direct Coupling - Standard Profile
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
28/29
32/33
36
40
A-E-F
J-H-L-S
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.180 (30.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.380 (35.0)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
1.610 (40.9)
D-B-G-K
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.560 (39.6)
1.750 (44.5)
1.750 (44.5)
2.190 (55.6)
J Max - Conn. Designator
TABLE III: FRONT ADAPTER
C
1.735 (44.1)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
REV. 12-AUG-2008



Html Pages

1 2