công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HS-7238 bảng dữ liệu(PDF) 39 Page - BOSER Technology Co., Ltd

tên linh kiện HS-7238
Giải thích chi tiết về linh kiện  Intel짰 Pentium짰 4 processor PCI-ISA Bus Single Board Computer
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOSER [BOSER Technology Co., Ltd]
Trang chủ  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7238 bảng dữ liệu(HTML) 39 Page - BOSER Technology Co., Ltd

Back Button HS-7238 Datasheet HTML 35Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 37Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 38Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 39Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 40Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 41Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 42Page - BOSER Technology Co., Ltd HS-7238 Datasheet HTML 43Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
33
Chapter 5
Software Utilities
This chapter contains the detailed information of IDE, VGA, LAN,
audio and USB2.0 driver installation procedures. The utility disk that
comes with the delivery package contains an auto-run program that
invokes the installation programs for the IDE, VGA, LAN and Audio
drivers. The following sections describe the installation procedures of
each driver based on Win 95/98, Win 2000 and Win NT operating
systems. It is recommended that you install the drivers matching the
sections listed in this chapter.
5.1 IDE Driver Installation
1.
Insert Utility CD Disk into your CD-ROM drive. The main menu
will pop up as shown below. Select on the HS-7238 button to
launch the installation program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74