| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMC2490A bảng dữ liệu(PDF) 13 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
TMC2490A bảng dữ liệu(HTML) 13 Page - Cadeka Microcircuits LLC. |
|
13 / 36 page ![]() PRODUCT SPECIFICATION TMC2490A 13 Table 3. Horizontal Timing Standards and Actual Values for 60 fps Video Standards ( µs) Table 4. Horizontal Timing Standards and Actual Values for 50 fps Video Standards ( µs) Parameter NTSC (SMPTE 170M) PAL-M (CCIR 624) Min Nom Max Min Nom Max TMC2490A Front porch FP 1.4 1.5 1.6 1.27 2.22 1.53 Horiz. Sync SY 4.6 4.7 4.8 4.6 4.7 4.8 4.74 Breezeway BR 0.608 0.9 1.1 1.3 0.59 (NTSC) 1.04 (PAL-M) Color Burst BU 2.235 2.514 2.794 2.237 2.517 2.797 2.31 Color Back porch CBP 1.378 0.503 2.363 1.65 (NTSC) 0.89 (PAL-M) Blanking BL 10.5 10.7 11.0 10.7 10.9 11.1 10.8 Active Video VA 52.56 52.86 53.06 52.46 52.66 52.86 52.633 Line Time H 63.556 63.556 63.557 Equalization HIGH EH 29.5 29.5 29.47 Equalization LOW EL 2.3 2.3 2.31 Sync HIGH SH 4.7 4.7 4.67 Sync LOW SL 27.1 27.1 27.13 Sync rise and fall times 140 ±20ns <250 ns 135ns Parameter PAL-B,G,H,I (CCIR 624) PAL-N (CCIR 624) Min Nom Max Min Nom Max TMC2490A Front porch FP 1.2 1.5 1.8 1.2 1.5 1.8 1.57 Horiz. Sync SY 4.5 4.7 4.9 4.5 4.7 4.9 4.74 Breezeway BR 0.6 0.9 1.2 0.6 0.9 1.2 0.89 Color Burst BU 2.030 2.255 2.481 2.233 2.513 2.792 2.3 Color Back porch CBP 2.654 2.387 2.3 Blanking BL 11.7 12.0 12.3 11.7 12.0 12.3 1.8 Active Video VA 51.7 52.0 52.3 51.7 52.0 52.3 52.2 Line Time H 64 64 64.0 Equalization HIGH EH 29.65 29.65 29.63 Equalization LOW EL 2.35 2.35 2.37 Sync HIGH SH 4.7 4.7 4.67 Sync LOW SL 27.3 27.3 27.3 Sync rise and fall times 250 ±50 ns 200 ±100 ns 250 slopes compatible with SMPTE 170M NTSC or CCIR Report 624 PAL on all vital edges: 1. Sync leading and trailing edges. 2. Burst envelope. 3. Active video leading and trailing edges. 4. All vertical interval equalization pulse and sync edges. |