| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM1066 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1066 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 20 page ![]() STM1066 Description 5/20 1 Description The STM1066 device monitors VCC, and connects OUT to VIN or GND, based on the VCC level (above VTH+ or below VTH- ) and the state of EN and INH inputs. The device offers several voltage thresholds, VTH+ (see Table 8) and it is available in miniature flip chip 6-bump package. Figure 1. Logic diagram ai 13963 VIN STM1066 GND OUT EN INH VCC |