| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPT7710AIJ bảng dữ liệu(PDF) 2 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
SPT7710AIJ bảng dữ liệu(HTML) 2 Page - Cadeka Microcircuits LLC. |
|
2 / 12 page ![]() 2 8/17/01 SPT7710 ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25 °C Note: 1. Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal applied conditions in typical applications. Supply Voltages Negative Supply Voltage (VEE TO GND) –7.0 to +0.5 V Ground Voltage Differential .................... –0.5 to +0.5 V Input Voltage Analog Input Voltage ............................... VEE to +0.5 V Reference Input Voltage .......................... VEE to +0.5 V Digital Input Voltage ................................ VEE to +0.5 V Reference Current VRTF to VRBF ........................ 25 mA Output Digital Output Current ............................... 0 to –30 mA Temperature Operating Temperature,ambient ............. –25 to +85 °C junction ...................... +150 °C Lead Temperature, (soldering 10 seconds) ..... +300 °C Storage Temperature ............................ –65 to +150 °C ELECTRICAL SPECIFICATIONS TA= TMIN to TMAX, VEE=–5.2 V, RSource=50 Ω, VRBF=–2.00 V, VR2=–1.00 V, VRTF=0.00 V, ƒCLK=125 MHz, Duty Cycle=50%, unless otherwise specified. TEST TEST SPT7710A SPT7710B PARAMETERS CONDITIONS LEVEL MIN TYP MAX MIN TYP MAX UNITS DC Accuracy Integral Linearity Error ƒCLK = 100 kHz VI –0.75 ±0.60 +0.75 –0.95 ±0.80 +0.95 LSB Differential Linearity Error ƒCLK = 100 kHz VI –0.75 +0.75 –0.95 +0.95 LSB No missing codes Guaranteed Guaranteed Analog Input Offset Error VRT VI –30 +30 –30 +30 mV Offset Error VRB VI –30 +30 –30 +30 mV Input Voltage Range VI –2.0 0.0 –2.0 0.0 Volts Input Capacitance Over full input range V 10 10 pF Input Resistance V 15 15 k Ω Input Current VI 250 500 250 500 µA Input Slew Rate V 1,000 1,000 V/µs Large Signal Bandwidth VIN=F.S. V 210 210 MHz Small Signal Bandwidth VIN=500 mVP-P V 335 335 MHz Clock Synchronous Input Currents V 40 40 µA Reference Input Ladder Resistance VI 100 200 300 100 200 300 Ω Reference Bandwidth V 10 10 MHz Timing Characteristics Maximum Sample Rate IV 125 150 125 150 MSPS Clock to Data Delay V 2.4 2.4 ns Output Delay Tempco V 2 2 ps/°C CLK-to-Data Ready Delay (tD) V 2.0 2.0 ns Aperture Jitter V 5 5 ps Acquisition Time V 1.5 1.5 ns Dynamic Performance Signal-to-Noise Ratio ƒIN = 3.58 MHz VI 46 48 45 47 dB ƒIN = 50 MHz VI 42 46 40 44 dB Total Harmonic Distortion ƒIN = 3.58 MHz VI –52 –48 –50 –46 dB ƒIN = 50 MHz VI –44 –40 –43 –39 dB Signal-to-Noise and Distortion ƒIN = 3.58 MHz VI 45 48 43 46 dB (SINAD) ƒIN = 50 MHz VI 39 42 37 40 dB |