| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPT5510SIM bảng dữ liệu(PDF) 2 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
SPT5510SIM bảng dữ liệu(HTML) 2 Page - Cadeka Microcircuits LLC. |
|
2 / 8 page ![]() 2 9/27/00 SPT5510 DC Performance1 Resolution 16 Bits Differential Linearity VI –1.95 ±0.6 1.95 LSB Differential Linearity TMIN–TMAX IV –4.0 ±1.0 4.0 LSB Integral Linearity VI –1.95 ±0.75 1.95 LSB Integral Linearity TMIN–TMAX IV –4.0 ±1.5 4.0 LSB Integral Linearity Drift IV –0.2 0.2 LSB/ °C Offset Drift TMIN–TMAX IV –2.5 2.5 ppm FS/ °C Monotonicity V 15 Bits Output Capacitance V 10 pF Gain Error I –2 0.4 2 % FS Gain Error Tempco With Ext Reference V 50 ppm FS/ °C Gain Error Tempco With Internal Bandgap Ref V 50 ppm FS/ °C Offset Error I –4 4 µA Compliance Voltage IV –1.2 2 V Output Resistance IV 0.88 1.1 1.32 k Ω Dynamic Performance Conversion Rate IV 200 MHz Settling Time tST2 Settling to ±0.01% V 25 ns Settling to ±0.0008% V 35 ns Delay Time tD V2 ns Glitch Energy V 30 pV-s Full Scale Output Current With On-Chip References V 19 mA Rise Time/Fall Time RL = 50 Ω V2 ns Spurious Free Dynamic Range ƒOUT=5 MHz; ƒCLOCK=30 MHz 10 MHz Span V 84 dB ƒOUT=10 MHz; ƒCLOCK=100 MHz 10 MHz Span V 76 dB ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 Supply Voltages Negative supply voltage (VEE) ................................. –7 V A/D ground voltage differential ................................ 0.5 V Input Voltages Digital input voltage (D15–D0, Clock)... ........... –2.5 to 0 V Ref amp input voltage range .......................... –2.5 to 0 V Reference input voltage range (Ref In) ...... VEE to –2.5 V Output Currents Bandgap reference output current ..................... ±500 µA Ref amplifier output current ................................ ±2.5 mA Temperature Operating temperature ............................... –40 to +85 °C Junction temperature .......................................... +150 °C Lead, soldering (10 seconds) ............................. +250 °C Storage .................................................... –65 to +150 °C ELECTRICAL SPECIFICATIONS TA= 25 °C, VEE=–5.2 V ±5%, 50% duty cycle clock, unless otherwise specified. TEST TEST SPT5510 PARAMETERS CONDITIONS LEVEL MIN TYP MAX UNITS Note: 1. Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for nominal operating conditions. 1 Measured at 0 V output using I-V. 2 Measured as voltage settling for mid-scale transition; RL = 50 Ω. |